Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2EZ47D5 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 2EZ47D5
Description  2Watts Axial leaded Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

2EZ47D5 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  2EZ47D5 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 2EZ47D5 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
of 2
Mounting position : Any
Weight : 0.339 gram
Polarity : Color band denotes cathode end
Lead : Axial lead solderable per MIL-STD-202,
Epoxy : UL94V-O rate flame retardant
Case : DO-41 Molded plastic
1
Features
A
A
B
C
D
DO-41
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
Mechanical Data
·
·
·
·
·
·
Single phase, half wave, 60Hz, resistive or inductive load.
2EZ3.6D5-2EZ200D5
2Watts Axial leaded Zener Diodes
High peak reverse power dissipation
Complete Voltage Range 3.6 to 200 Volts
··
Low leakage current
High reliability
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 75
°C (Note1)
PD
2.0
Watts
Maximum Forward Voltage at IF = 200 mA
VF
1.2
Volts
Maximum Thermal Resistance Junction to Ambient Air (Note2)
R
θJA
60
K / W
Junction Temperature Range
TJ
- 55 to + 175
°C
Storage Temperature Range
Ts
- 55 to + 175
°C
Note :
(1) TL = Lead temperature at 3/8 " (9.5mm) from body
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
0
25
50
75
100
125
150
175
TL, LEAD TEMPERATURE (
°C)
0.5
1.0
1.5
2.0
2.5
L = 3/8" (9.5mm)
Fig. 1 POWER TEMPERATURE DERATING CURVE
0
method 208 guaranteed


Similar Part No. - 2EZ47D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
2EZ47D5 EIC-2EZ47D5 Datasheet
27Kb / 2P
   SILICON ZENER DIODES
logo
First Silicon Co., Ltd
2EZ47D5 FS-2EZ47D5 Datasheet
85Kb / 2P
   Vz : 3.6 - 200 Volts, PD : 2 Watts
logo
SynSemi, Inc.
2EZ47D5 SYNSEMI-2EZ47D5 Datasheet
37Kb / 2P
   SILICON ZENER DIODES
logo
Diotech Company.
2EZ47D5 DIOTECH-2EZ47D5 Datasheet
650Kb / 3P
   2W SILICON ZENER DIODE
logo
Formosa MS
2EZ47D5 FORMOSA-2EZ47D5 Datasheet
473Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - 2EZ47D5

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
3EZ400D5 SUNMATE-3EZ400D5 Datasheet
179Kb / 3P
   3Watts Axial Leaded Zener Diodes
3EZ3.9D5 SUNMATE-3EZ3.9D5 Datasheet
168Kb / 3P
   3Watts Axial Leaded Zener Diodes
BZX79C2V4 SUNMATE-BZX79C2V4 Datasheet
328Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
P100A SUNMATE-P100A Datasheet
358Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
ZY3.6S SUNMATE-ZY3.6S Datasheet
263Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5L SUNMATE-2EZ3.6D5L Datasheet
252Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
BZW03C6V8 SUNMATE-BZW03C6V8 Datasheet
395Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com