Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3EZ51D5 Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # 3EZ51D5
Description  3Watts Axial Leaded Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

3EZ51D5 Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  3EZ51D5 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 3EZ51D5 Datasheet HTML 2Page - SUNMATE electronic Co., LTD 3EZ51D5 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
ELECTRICAL CHARACTERISTICS
Rating at = 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
3EZ110D5
110
6.8
225
4000
0.25
0.5
83.6
25
3EZ120D5
120
6.3
300
4500
0.25
0.5
91.2
22
3EZ130D5
130
5.8
375
5000
0.25
0.5
98.8
21
3EZ140D5
140
5.3
475
5000
0.25
0.5
106.4
19
3EZ150D5
150
5.0
550
6000
0.25
0.5
114.0
18
3EZ160D5
160
4.7
625
6500
0.25
0.5
121.6
17
3EZ170D5
170
4.4
650
7000
0.25
0.5
130.4
16
3EZ180D5
180
4.2
700
7000
0.25
0.5
136.8
15
3EZ190D5
190
4.0
800
8000
0.25
0.5
144.8
14
3EZ200D5
200
3.7
875
8000
0.25
0.5
152.0
13
3EZ220D5
220
3.4
1600
9000
0.25
1
167.0
12
3EZ240D5
240
3.1
1700
9000
0.25
1
182.0
11
3EZ270D5
270
2.8
1800
9000
0.25
1
205.0
10
3EZ300D5
300
2.5
1900
9000
0.25
1
228.0
9
3EZ330D5
330
2.3
2200
9000
0.25
1
251.0
8
3EZ360D5
360
2.1
2700
9000
0.25
1
274.0
8
3EZ400D5
400
1.9
3500
9000
0.25
1
304.0
7
Note :
( 1 ) Suffix " 5 " indicates
± 5.0% tolerance, suffix " 10 " indicates ± 10.0% tolerance.
( 2 ) " EZ " will be omitted in marking on the diode


Similar Part No. - 3EZ51D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
3EZ51D5 EIC-3EZ51D5 Datasheet
37Kb / 3P
   SILICON ZENER DIODES
logo
SEC Electronics Inc.
3EZ51D5 SECELECTRONICS-3EZ51D5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
Microsemi Corporation
3EZ51D5 MICROSEMI-3EZ51D5 Datasheet
69Kb / 2P
   SILICON 3 WATT ZENER DIODES
logo
SeCoS Halbleitertechnol...
3EZ51D5 SECOS-3EZ51D5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
Jinan Gude Electronic D...
3EZ51D5 JGD-3EZ51D5 Datasheet
150Kb / 2P
   3W SILICON ZENER DIODE
More results

Similar Description - 3EZ51D5

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BZT03D6V2 SUNMATE-BZT03D6V2 Datasheet
91Kb / 2P
   3Watts Axial Leaded Zener Diodes
3EZ400D5 SUNMATE-3EZ400D5 Datasheet
179Kb / 3P
   3Watts Axial Leaded Zener Diodes
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5 SUNMATE-2EZ3.6D5 Datasheet
102Kb / 2P
   2Watts Axial leaded Zener Diodes
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
BZX79C2V4 SUNMATE-BZX79C2V4 Datasheet
328Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
P100A SUNMATE-P100A Datasheet
358Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
ZY3.6S SUNMATE-ZY3.6S Datasheet
263Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5L SUNMATE-2EZ3.6D5L Datasheet
252Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com