Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ4680 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MMSZ4680
Description  500mW Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MMSZ4680 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MMSZ4680 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MMSZ4680 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
Mechanical Data
·
·
MMSZ4678 - MMSZ4717
500mW Surface Mount Zener Diodes
K
L
M
C
H
B
A
SOD-123
Dim
Min
Max
A
0.55 Typ
B
1.40
1.70
C
3.55
3.85
H
2.55
2.85
J
0.00
0.10
K
1.00
1.35
L
0.25
0.40
M
0.10
0.15
α
0
All Dimensions in mm
Small Package Size for High Density Applications
Package Designed for Optimal Automated Board Assembly
Wide Zener Reverse Voltage Range 1.8 V to 43 V
Total Power Dissipation 500 mW on FR-4 or FR-5 Board
Weight : 0.01 gram (approximately)
Case : SOD-123
.
Symbol
Value
Unit
Zener Current see Table "Characteristics"
Total Power Dissipation on FR-5 Board, at TL = 75 °C
PD
500
(1)
mW
Derated above 75
°C
6.7
mW/°C
Maximum Forward Voltage at IF = 10 mA
VF
0.95
V
Thermal Resistance Junction to Ambient
RӨJA
340
°C/W
Thermal Resistance Junction to Lead
RӨJL
150
°C/W
Junction Temperature Range
TJ
-55 to + 150
°C
Storage Temperature Range
TSTG
-55 to + 150
°C
Note :
(1) FR-5 = 3.5 x 1.5 inches,using the minimum recommended footprin
t.
Parameter


Similar Part No. - MMSZ4680

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MMSZ4680 EIC-MMSZ4680 Datasheet
118Kb / 4P
   ZENER DIODES
logo
Shenzhen Luguang Electr...
MMSZ4680 LUGUANG-MMSZ4680 Datasheet
421Kb / 3P
   Zener Diodes
logo
Micro Commercial Compon...
MMSZ4680 MCC-MMSZ4680 Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
logo
Jiangsu Changjiang Elec...
MMSZ4680 JIANGSU-MMSZ4680 Datasheet
752Kb / 4P
   ZENER DIODE
logo
Foshan Blue Rocket Elec...
MMSZ4680 FOSHAN-MMSZ4680 Datasheet
757Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
More results

Similar Description - MMSZ4680

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
MMSZ5221B CHENG-YI-MMSZ5221B Datasheet
734Kb / 4P
   500mW SURFACE MOUNT ZENER DIODES
logo
TAITRON Components Inco...
TZM5221B TAITRON-TZM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
ZMM5221B TAITRON-ZMM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
TZMC2V4 TAITRON-TZMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ2V4 SUNMATE-MMSZ2V4 Datasheet
387Kb / 3P
   500mW Surface Mount Zener Diodes
MMSZ5221 SUNMATE-MMSZ5221 Datasheet
224Kb / 2P
   500mW Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
   500mW Surface Mount Zener Diodes - 2.0V-100V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com