Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27C180P Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BZD27C180P
Description  800mW Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZD27C180P Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BZD27C180P Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZD27C180P Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: JEDEC SOD-123 molded plastic
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
·
·
·
1of2
Sillicon planar zener diodes.
Low profile surface-mount package.
Zener and surge current specification
Low leakage current
High temperature soldering guaranteed:
265℃/10 seconds, at terminals
Excellent stability
·
·
·
·
Marking code: see TABLE 1
Weight: 0.006 ounces, 0.02 grams
Mounting position: Any
Polarity: Color band denotes positive end
( cathode ) except for bidirectional
·
·
·
·
SYMBOL
UNITS
PPPM
Watts
Ptot
Watts
IR
µ A
VF
Volts
RθJA
K/W
TJ
TSTG
NOTES:(1)TJ=25℃ prior to surge.
Non-repetitive peak pulse power dissipation
with a 10/1000µs waveform (NOTE 1)
Thermal resistance junction to ambient
Operating temperature junction range
180
- 55 to +150
Reverse current at stand-off voltage @ V WM
SEE TABLE 1
Power dissipation at TA=25℃ (NOTE 2)
Storage temperature range
- 55 to +150
(2)Mounted on epoxy-glass PCB with 3×3 mm Cu pads(≥40
µm thick)
(3)Non-repetitive peak reverse current in accordance with "IEC 60-1,Section 8" (10/1000
µs pulse)
0.8
1.2
Maximum instantaneous forward voltage at 0.2A
VALUE
150
BZD27C SERIES
800mW Surface Mount Zener Diodes
K
L
M
C
H
B
A
SOD-123
Dim
Min
Max
A
0.55 Typ
B
1.40
1.70
C
3.55
3.85
H
2.55
2.85
J
0.00
0.10
K
1.00
1.35
L
0.25
0.40
M
0.10
0.15
α
0
All Dimensions in mm


Similar Part No. - BZD27C180P

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C180P VAISH-BZD27C180P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Galaxy Semi-Conductor H...
BZD27C180P BILIN-BZD27C180P Datasheet
202Kb / 4P
   VOLTAGE REGULATOR DIODES
logo
Taiwan Semiconductor Co...
BZD27C180P TSC-BZD27C180P Datasheet
166Kb / 3P
   Voltage Regulator Diodes
logo
Shenzhen Luguang Electr...
BZD27C180P LUGUANG-BZD27C180P Datasheet
2Mb / 4P
   Voltage Regulator Diodes
logo
Taiwan Semiconductor Co...
BZD27C180P TSC-BZD27C180P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
More results

Similar Description - BZD27C180P

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZD27C3V6P PANJIT-BZD27C3V6P Datasheet
66Kb / 2P
   800mW ZENER DIODES IN SOD123FL PACKAGE
logo
Solid States Devices, I...
SZ5A2.4 SSDI-SZ5A2.4 Datasheet
112Kb / 2P
   500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com