Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20KPA132CA Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # 20KPA132CA
Description  20000 Watts Axial Leaded Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

20KPA132CA Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  20KPA132CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD 20KPA132CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD 20KPA132CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD 20KPA132CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20KPA104A
20KPA104CA
20KPA112A
20KPA112CA
20KPA120A
20KPA120CA
20KPA132A
20KPA132CA
20KPA144A
20KPA144CA
20KPA160A
20KPA160CA
20KPA172A
20KPA172CA
20KPA180A
20KPA180CA
20KPA192A
20KPA192CA
20KPA204A
20KPA204CA
20KPA216A
20KPA216CA
20KPA232A
20KPA232CA
20KPA240A
20KPA240CA
20KPA256A
20KPA256CA
20KPA280A
20KPA280CA
20KPA300A
20KPA300CA
Part Number
For bidirectional type having Vrwm of 40 volts and less, the IR limit is double
For parts without A , the VBR is + 10%
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP Vc (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM IR
(µA)
3of4
104.00
116.20
5
168.0
120.2
10
112.00
125.10
5
182.0
111.0
10
120.00
134.00
5
194.0
104.1
10
132.00
147.40
5
213.0
94.8
10
144.00
160.80
5
232.0
87.1
10
160.00
178.70
5
258.0
78.3
10
172.00
192.10
5
277.0
72.9
10
180.00
201.10
5
291.0
69.4
10
192.00
214.50
5
309.0
65.4
10
204.00
227.90
5
329.0
61.4
10
216.00
241.30
5
348.0
58.0
10
232.00
259.10
5
374.0
54.0
10
240.00
268.10
5
387.0
52.2
10
256.00
286.00
5
412.0
49.0
10
280.00
312.80
5
451.0
44.6
10
300.00
335.10
5
483.0
41.8
10
300.00
335.10
5
483.0
41.8
10
280.00
312.80
5
451.0
44.6
10
256.00
286.00
5
412.0
49.0
10
240.00
268.10
5
387.0
52.2
10
232.00
259.10
5
374.0
54.0
10
216.00
241.30
5
348.0
58.0
10
204.00
227.90
5
329.0
61.4
10
192.00
214.50
5
309.0
65.4
10
180.00
201.10
5
291.0
69.4
10
172.00
192.10
5
277.0
72.9
10
160.00
178.70
5
258.0
78.3
10
144.00
160.80
5
232.0
87.1
10
132.00
147.40
5
213.0
94.8
10
120.00
134.00
5
194.0
104.1
10
112.00
125.10
5
182.0
111.0
10
104.00
116.20
5
168.0
120.2
10


Similar Part No. - 20KPA132CA

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
20KPA132CA TAITRON-20KPA132CA Datasheet
211Kb / 6P
   20KW Transient Voltage Suppressor
logo
Socay Electornics Co., ...
20KPA132CA SOCAY-20KPA132CA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
December 25, 2017
logo
MDE Semiconductor, Inc.
20KPA132CA MDE-20KPA132CA Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
20KPA132CA LITTELFUSE-20KPA132CA Datasheet
140Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
20KPA132CA LUGUANG-20KPA132CA Datasheet
116Kb / 2P
   Glass Passivated Junction TVS
More results

Similar Description - 20KPA132CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
BZW04P5V8 SUNMATE-BZW04P5V8 Datasheet
1Mb / 6P
   400 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SAC5.0 SUNMATE-SAC5.0 Datasheet
157Kb / 2P
   500 Watts Axial Leaded Low Capacitance Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com