Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSMC27CA Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # TPSMC27CA
Description  1500 Watts Surface Mount Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

TPSMC27CA Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  TPSMC27CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD TPSMC27CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD TPSMC27CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
·
·
·
·
·
Features
Mechanical Data
Maximum Ratings @ T
A = 25
°C unless otherwise specified
SMC
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
·
·
·
·
·
/
less than 1.0mA at Ta = 150C
10V I
For devices with V
Very fast response time
Low incremental surge resistance
Excellent clamping capability
1500W peak pulse power capability with
a 10/1000ms waveform, repetition rate (duty cycle): 0.01%
(BR)
D are typically
Pb RoHS Free
°
·
Weight : 0.21 grams
Mounting position : Any
Polarity : Color band denotes cathode end except Bipolar.
Lead : Lead Formed for Surface Mount
Epoxy : UL94V-O rate flame retardant
Case : SMC Molded plastic
·
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation with a 10/1000
µs
waveform (1)(2) Fig.5
Peak power pulse current with a 10/1000?s
waveform (1) Fig.2
Peak Forward Surge Current, 8.3ms Single Half
Sine-Wave (2)(3)
Maximum instantaneous forward voltage at 100A(3)
V
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 185
°C
Notes :
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25
°C per Fig. 1
(2) Mounted on 0.31 x 0.31” (8.0 x 8.0mm) copper pads to each terminal
(3) Measured on 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minute maximum
A
PPPM
Minimum 1500
W
A
IPPM
See Next Table
VF
3.5
IFSM
200
TPSMC6.8-TPSMC43
1500 Watts Surface Mount Transient Voltage Suppressor
1of3


Similar Part No. - TPSMC27CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
TPSMC27CA SUNMATE-TPSMC27CA Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
TPSMC27CA SUNMATE-TPSMC27CA Datasheet
429Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
TPSMC27CA ANOVA-TPSMC27CA Datasheet
307Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
TPSMC27CA UNSEMI-TPSMC27CA Datasheet
2Mb / 6P
   12 To 91V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results

Similar Description - TPSMC27CA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCG5.0 LUGUANG-SMCG5.0 Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_1 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC6.8 SUNMATE-TPSMC6.8 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMCJ5.0 TSC-SMCJ5.0_1 Datasheet
465Kb / 5P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
15SMC68 LUGUANG-15SMC68 Datasheet
283Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8A YFWDIODE-1.5KE6.8A Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com