Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE11A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # P4KE11A
Description  400W Axial Leaded Transient Voltage Suppressrs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

P4KE11A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  P4KE11A Datasheet HTML 1Page - SUNMATE electronic Co., LTD P4KE11A Datasheet HTML 2Page - SUNMATE electronic Co., LTD P4KE11A Datasheet HTML 3Page - SUNMATE electronic Co., LTD P4KE11A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P4KE56CA
P4KE51CA
P4KE47CA
P4KE43CA
P4KE39CA
P4KE36CA
P4KE33CA
P4KE30A
P4KE30CA
P4KE27CA
P4KE24CA
P4KE22CA
P4KE20CA
P4KE18CA
P4KE17CA
P4KE16CA
P4KE15CA
P4KE13CA
P4KE12CA
P4KE11CA
P4KE10CA
P4KE9.1CA
P4KE8.2CA
P4KE7.5CA
P4KE6.8CA
2 of 4
Rating at = 25
° C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
( A)
(A)
(V)
(% /
° C)
6.12
7.48
10
5.50
1000
38.0
10.8
0.057
P4KE6.8A
6.45
7.14
10
5.80
1000
40.0
10.5
0.057
6.75
8.25
10
6.05
500
36.0
11.7
0.061
P4KE7.5A
7.13
7.88
10
6.40
500
37.0
11.3
0.061
7.38
9.02
10
6.63
200
33.0
12.5
0.065
P4KE8.2A
7.79
8.61
10
7.02
200
35.0
12.1
0.065
8.19
10.0
1.0
7.37
50
30.0
13.8
0.068
P4KE9.1A
8.65
9.55
1.0
7.78
50
31.0
13.4
0.068
9.00
11.0
1.0
8.10
10
28.0
15.0
0.073
P4KE10A
9.50
10.5
1.0
8.55
10
29.0
14.5
0.073
9.90
12.1
1.0
8.92
5.0
26.0
16.2
0.075
P4KE11A
10.5
11.6
1.0
9.40
5.0
27.0
15.6
0.075
10.8
13.2
1.0
9.72
5.0
24.0
17.3
0.078
P4KE12A
11.4
12.6
1.0
10.2
5.0
25.0
16.7
0.078
11.7
14.3
1.0
10.5
5.0
22.0
19.0
0.081
P4KE13A
12.4
13.7
1.0
11.1
5.0
23.0
18.2
0.081
13.5
16.5
1.0
12.1
5.0
19.0
22.0
0.084
P4KE15A
14.3
15.8
1.0
12.8
5.0
20.0
21.2
0.084
14.4
17.6
1.0
12.9
5.0
18.0
23.5
0.086
P4KE16A
15.2
16.8
1.0
13.6
5.0
19.0
22.5
0.086
15.3
18.7
1.0
13.7
5.0
17.0
25.0
0.087
P4KE17A
16.2
17.9
1.0
14.5
5.0
18.0
24.0
0.087
16.2
19.8
1.0
14.5
5.0
16.0
26.5
0.088
P4KE18A
17.1
18.9
1.0
15.3
5.0
17.0
25.5
0.088
18.0
22.0
1.0
16.2
5.0
14.0
29.1
0.090
P4KE20A
19.0
21.0
1.0
17.1
5.0
15.0
27.7
0.090
19.8
24.2
1.0
17.8
5.0
13.0
31.9
0.092
P4KE22A
20.9
23.1
1.0
18.8
5.0
14.0
30.6
0.092
21.6
26.4
1.0
19.4
5.0
12.0
34.7
0.094
P4KE24A
22.8
25.2
1.0
20.5
5.0
13.0
33.2
0.094
24.3
29.7
1.0
21.8
5.0
11.0
39.1
0.096
P4KE27A
25.7
28.4
1.0
23.1
5.0
11.2
37.5
0.096
27.0
33.0
1.0
24.3
5.0
10.0
43.5
0.097
28.5
31.5
1.0
25.6
5.0
10.0
41.4
0.097
29.7
36.3
1.0
26.8
5.0
9.0
47.7
0.098
P4KE33A
31.4
34.7
1.0
28.2
5.0
9.0
45.7
0.098
32.4
39.6
1.0
29.1
5.0
8.0
52.0
0.099
P4KE36A
34.2
37.8
1.0
30.8
5.0
8.4
49.9
0.099
35.1
42.9
1.0
31.6
5.0
7.4
56.4
0.100
P4KE39A
37.1
41.0
1.0
33.3
5.0
7.8
53.9
0.100
38.7
47.3
1.0
34.8
5.0
6.8
61.9
0.101
P4KE43A
40.9
45.2
1.0
36.8
5.0
7.1
59.3
0.101
42.3
51.7
1.0
38.1
5.0
6.2
67.8
0.101
P4KE47A
44.7
49.4
1.0
40.2
5.0
6.5
64.8
0.101
45.9
56.1
1.0
41.3
5.0
5.7
73.5
0.102
P4KE51A
48.5
53.6
1.0
43.6
5.0
6.0
70.1
0.102
50.4
61.6
1.0
45.4
5.0
5.2
80.5
0.103
P4KE56A
53.2
58.8
1.0
47.8
5.0
5.5
77.0
0.103
P4KE SERIES


Similar Part No. - P4KE11A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
P4KE11A SY-P4KE11A Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
P4KE11A UNSEMI-P4KE11A Datasheet
3Mb / 7P
   6.8 To 600V 400W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Pan Jit International I...
P4KE11A PANJIT-P4KE11A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE11A ZOWIE-P4KE11A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Yea Shin Technology Co....
P4KE11A YEASHIN-P4KE11A Datasheet
983Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE11A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
P4KE6.8CA FORMOSA-P4KE6.8CA Datasheet
156Kb / 6P
   400W Axial Leaded Transient Voltage Suppressors-6.8V-440V
logo
Littelfuse
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
logo
SUNMATE electronic Co.,...
P6KE36CA SUNMATE-P6KE36CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE6.8A SUNMATE-P6KE6.8A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
P6KE15CA SUNMATE-P6KE15CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE12CA SUNMATE-P6KE12CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE13A SUNMATE-P6KE13A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com