Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KPA168CA Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 30KPA168CA
Description  30000 Watts Axial Leaded Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

30KPA168CA Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  30KPA168CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD 30KPA168CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD 30KPA168CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD 30KPA168CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
30KPA28A
30KPA28CA
30KPA30A
30KPA30CA
30KPA33A
30KPA33CA
30KPA36A
30KPA36CA
30KPA39A
30KPA39CA
30KPA42A
30KPA42CA
30KPA43A
30KPA43CA
30KPA45A
30KPA45CA
30KPA48A
30KPA48CA
30KPA51A
30KPA51CA
30KPA54CA
30KPA58A
30KPA58CA
30KPA60A
30KPA60CA
30KPA64A
30KPA64CA
30KPA66A
30KPA66CA
30KPA70A
30KPA70CA
30KPA71A
30KPA71CA
30KPA72A
30KPA72CA
30KPA75A
30KPA75CA
30KPA78A
30KPA78CA
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE
@IPP Vc (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM IR
(µA)
28.00
31.3
50
50.0
606.0
5000
30.00
33.5
50
55.2
548.9
5000
33.00
36.9
50
58.5
517.2
5000
36.00
40.2
50
61.8
490.3
5000
39.00
43.6
20
67.2
450.9
2000
42.00
46.9
10
72.0
420.8
1000
43.00
48.0
10
73.0
415.1
1000
45.00
50.3
5
77.4
391.5
250
48.00
53.6
5
81.6
371.3
150
51.00
57.0
5
86.4
350.7
50
54.00
60.3
5
91.4
331.5
20
58.00
64.8
5
92.4
327.9
20
60.00
67.0
5
102.0
297.1
15
64.00
71.5
5
104.0
291.3
10
66.00
73.7
5
107.0
283.2
10
70.00
78.2
5
109.0
278.0
10
71.00
79.3
5
111.5
271.7
10
72.00
80.4
5
114.0
265.8
10
75.00
83.8
5
119.4
253.8
10
78.00
87.1
5
129.0
234.0
10
For bidirectional type having Vrwm of 40 volts and less, the IR limit is double
For parts without A , the VBR is + 10%
78.00
87.1
5
129.0
234.0
10
75.00
83.8
5
119.4
253.8
10
72.00
80.4
5
114.0
265.8
10
71.00
79.3
5
111.5
271.7
10
70.00
78.2
5
109.0
278.0
10
66.00
73.7
5
107.0
283.2
10
64.00
71.5
5
104.0
291.3
10
60.00
67.0
5
102.0
297.1
15
58.00
64.8
5
92.4
327.9
20
30KPA54CA
54.00
60.3
5
91.4
331.5
20
51.00
57.0
5
86.4
350.7
50
48.00
53.6
5
81.6
371.3
150
45.00
50.3
5
77.4
391.5
250
43.00
48.0
10
73.0
415.1
1000
42.00
46.9
10
72.0
420.8
1000
39.00
43.6
20
67.2
450.9
2000
36.00
40.2
50
61.8
490.3
5000
33.00
36.9
50
58.5
517.2
5000
30.00
33.5
50
55.2
548.9
5000
28.00
31.3
50
50.0
606.0
5000
2of4
Part Number


Similar Part No. - 30KPA168CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30KPA168CA LITTELFUSE-30KPA168CA Datasheet
129Kb / 5P
   Transient Voltage Suppression Diodes Axial Leaded - 30000W
30KPA168CA LITTELFUSE-30KPA168CA Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
logo
TAITRON Components Inco...
30KPA168CA TAITRON-30KPA168CA Datasheet
212Kb / 6P
   30KW Transient Voltage Suppressor
logo
Anova Technologies CO.,...
30KPA168CA ANOVA-30KPA168CA Datasheet
249Kb / 3P
   Axial Lead Transient Voltage Suppressors
logo
MDE Semiconductor, Inc.
30KPA168CA MDE-30KPA168CA Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 30KPA168CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
BZW04P5V8 SUNMATE-BZW04P5V8 Datasheet
1Mb / 6P
   400 Watts Axial Leaded Transient Voltage Suppressor
20KPA20CA SUNMATE-20KPA20CA Datasheet
130Kb / 4P
   20000 Watts Axial Leaded Transient Voltage Suppressor
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
30KP28 MCC-30KP28_15 Datasheet
319Kb / 4P
   30000 Watts Transient Voltage Suppressor 28 to 288 Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com