Selected language     English  ▼


LCE48A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part No. LCE48A
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNMATE [SUNMATE electronic Co., LTD]
Homepage  http://www.sunmate.tw/
Logo 

   
 1 page
background image
1500 Watts Axial Leaded Low Capacitance
Features
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
Mechanical Data
·
·
·
·
·
·
Fast response ti
Low incre
Excellent clamping capability
1500W Peak Pulse Surge reverse
capability on 10/1000
µs waveform
mental surge resistance
me : typically less than 5.0 ns
from 0 volts to BV
Weight : 0.93 gram
Mounting position : Any
Polarity : Color band denotes positi
Lead : Axial lead solderable per MIL-STD-202,
Epoxy : UL94V-O rate flame retardant
Case : DO-201 Molded plastic
method 208 guaranteed
ve end on the
Transorb (cathode)
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation on 10/1000
µs
waveform (Note 1, Figure 1)
Steady State Power Dissipation at TL = 75
°C
Lead Lengths 0.375", (9.5mm) (Note 2)
Peak Pulse Power Surge Current on 10/1000
µs
Waveform (Fig. 3, Note 1)
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 175
°C
Note :
(1) Non-repetitive Current pulse, per Fig. 3 and derated above Ta = 25
°C per Fig. 2
(2) 8.3 ms single half sine-wave, duty cycle = 4 pulses per minutes maximum.
PPPM
Minimum 1500
Watts
IRSM
See Table 1.
Amps.
PD
5.0
Watts
Transient Voltage Suppressor
LCE6.5-LCE170
1of4




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl