Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8126K Datasheet(PDF) 4 Page - NEC

Part # UPC8126K
Description  RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8126K Datasheet(HTML) 4 Page - NEC

  UPC8126K Datasheet HTML 1Page - NEC UPC8126K Datasheet HTML 2Page - NEC UPC8126K Datasheet HTML 3Page - NEC UPC8126K Datasheet HTML 4Page - NEC UPC8126K Datasheet HTML 5Page - NEC UPC8126K Datasheet HTML 6Page - NEC UPC8126K Datasheet HTML 7Page - NEC UPC8126K Datasheet HTML 8Page - NEC UPC8126K Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Preliminary Data Sheet P13831EJ1V1DS00
4
µµµµPC8158K
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Rating
Unit
Supply Voltage
VCC
Pin11, 20 and 25,
TA = +25°C
5.0
V
Power Save and AGC Control Pin
Applied Voltage
VPS/VAGC
Pin17, TA = +25°C
5.0
V
Power Dissipation
PD
TA = +85°C
Note
430
mW
Operating Ambient Temperature
TA
–40 to +85
°C
Storage Temperature
Tstg
–55 to +150
°C
Note Mounted on double sided copper clad 50
× 50 × 1.6 mm epoxy glass PWB.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
Pin11, 20 and 25
2.7
3.0
4.0
V
Power Save Voltage
VPS
Pin17
0
0.3
V
AGC Control Voltage
VAGCPS
Pin17
1.0
2.5
V
Operating Ambient Temperature
TA
–30
+25
+80
°C
Up-converter RF Output Frequency
fRFout
800
1500
MHz
LO2 Input Frequency
fLO2in
PLO2in = –15 dBm
600
1750
MHz
I/Q Input Frequency
fI/Qin
VI/Qin = 500 mVP-P MAX.
(Differential input)
DC
10
MHz
LO1 Input Level
PLO1in
–18
–15
–12
dBm
LO2 Input Level
PLO2in
–18
–15
–12
dBm
I/Q Input Amplitude
VI/Qin
I, Ib, Q, Qb each
420
500
mVP-P
Up-converter Input Frequency
fUPCONin
Modulator Output Frequency
fMODout
LO1 Input Frequency
fLO1in
PLO1in = –15 dBm
100
300
MHz


Similar Part No. - UPC8126K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8126K NEC-UPC8126K Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
223Kb / 20P
   Single Chip Transceiver Silicon MMIC for PHS
UPC8126K-E1 NEC-UPC8126K-E1 Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results

Similar Description - UPC8126K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
logo
Intersil Corporation
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Fujitsu Component Limit...
MB54609 FUJITSU-MB54609 Datasheet
185Kb / 23P
   Quadrature Modulator IC (With 1.0 GHz Up-converter)
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
   AGC/UP-CONVERTER WITH IQ MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com