Electronic Components Datasheet Search |
|
UPC8129GR Datasheet(PDF) 7 Page - NEC |
|
UPC8129GR Datasheet(HTML) 7 Page - NEC |
7 / 20 page Preliminary Data Sheet 7 µµµµPC8139GR-7JH ELECTRICAL SPECIFICATIONS (3) TA = +25°C, VCC = 3.0 V, unless otherwise specified, VPS = 3.0 V (high), f2ndMIXin = 243.95 MHz, P2ndMIXin = –40 dBm, f2ndMIX-LOin = 233.15 MHz, P 2ndMIX-LOin = –7 dBm, f 2ndMIXout = 10.8 MHz, f 2ndIFin = 10.8 MHz, P 2ndIFin = –15 dBm, P2ndIFout = 10.8 MHz Parameter Symbol Condition MIN. TYP. MAX. Unit Receiver block 3 (RSSI) RSSI linearity LR VIF = 33 to 98 dB µVEMF – ±1.5 ±2.0 dB RSSI slope SR –28– mV/dB RSSI intercept IR –4 – dB µVEMF RSSI output voltage 1 VR1 V2ndIFin = 33 dB µVEMF 0.6 0.8 1 V RSSI output voltage 2 VR2 V2ndIFin = 63 dB µV 1.44 1.68 1.92 V RSSI output voltage 3 VR3 V2ndIFin = 98 dB µV 2.4 2.7 2.9 V RSSI output voltage 4 VR4 No signal input – 0.5 – V RSSI output temperature stability ST TA = –30°C to +80°C – ±2.0 – dB RSSI output dynamic range DR 75 83 – dB RSSI rise time trf1 –1 5 µs RSSI fall time trf2 –1 5 µs RSSI output ripple RR 10 pF Note –30– mVP-P RSSI output resistance ROR 28 35 42 k Ω Note 10 pF is a value including all capacitance (wiring capacitance) connected to the pins ELECTRICAL SPECIFICATIONS (4) TA = +25°C, VCC = 3.0 V Parameter Symbol Condition MIN. TYP. MAX. Unit Common block (2nd VCO) Total circuit current (2nd VCO) ICC (2ndVCO) 3 k Ω is attached to pin 10 externally (without pull-down resistance for pin 8) 2.5 3.2 3.5 mA 2nd VCO output level P2ndVCO Pin 8 pull-down resistance is 1 k Ω –10 – – dBm 2nd VCO oscillating frequency f2ndVCO 220 – 270 MHz |
Similar Part No. - UPC8129GR |
|
Similar Description - UPC8129GR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |