Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8129GR Datasheet(PDF) 10 Page - NEC

Part # UPC8129GR
Description  Single Chip Transceiver Silicon MMIC for PHS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8129GR Datasheet(HTML) 10 Page - NEC

Back Button UPC8129GR Datasheet HTML 6Page - NEC UPC8129GR Datasheet HTML 7Page - NEC UPC8129GR Datasheet HTML 8Page - NEC UPC8129GR Datasheet HTML 9Page - NEC UPC8129GR Datasheet HTML 10Page - NEC UPC8129GR Datasheet HTML 11Page - NEC UPC8129GR Datasheet HTML 12Page - NEC UPC8129GR Datasheet HTML 13Page - NEC UPC8129GR Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Preliminary Data Sheet
10
µµµµPC8139GR-7JH
PIN FUNCTIONS
Pin
No.
Symbol
Applied
Voltage
(V)
Pin
Voltage
Note
(V)
Function and Description
Internal Equivalent Circuit
23
VPS (RX)
0 to VCC
Power save pin for the receiver block
(IF amplifier, RSSI, 2nd down
converter). This pin is interlocked to
the internal regulator and can control
the following.
VPS (V)
IC stat
2.5 to VCC
ON (Active Mode)
0 to 0.3
OFF (Sleep Mode)
23
24
VPS (TX)/
VAGC
0 to VCC
Power save pin for the transmitter
block (quadrature modulator, up
converter, AGC circuit). This pin is
interlocked to the internal regulator
and can control the following.
VPS (V)
IC stat
0.9 to VCC
ON (Active Mode)
0 to 0.5
OFF (Sleep Mode)
24
25
VCC5
2.7 to
4.0
Supply voltage for the AGC block.

26
TX MIX-
LOinb
2.0
Bypass pin for the local input of the up
converter. Ground this pin through an
external capacitor.
28
TX MIX-
LOin
2.0
Local input pin for the up converter.
High impedance input.
26
28
27
GND5
0
Ground pin for the AGC and up
converter. Form as wide a ground
pattern as possible to minimize its
impedance.

29
VCC6
2.7 to
4.0
Supply voltage pin for the up converter
block.
30
TX
MIXout
2.7 to
4.0
RF output pin for the up converter
block. This is an open collector
output, so an impedance matching
circuit should be attached externally.
29
30
: External attachment
Note The pin voltage is measured on Vcc=3.0 V.


Similar Part No. - UPC8129GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8129GR NEC-UPC8129GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
36Kb / 3P
   SI RFIC QUADRATURE MODULATOR WITH UPCONVERTER AND AGC
More results

Similar Description - UPC8129GR

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
   PHS MULTI-FUNCTION GaAs MMIC
logo
Panasonic Semiconductor
AN6591FJM PANASONIC-AN6591FJM Datasheet
391Kb / 21P
   Transmission / reception, single chip PLL IC for PHS, cordless telephone
logo
Mitsubishi Electric Sem...
M64821FP MITSUBISHI-M64821FP Datasheet
27Kb / 1P
   1 CHIP SYNTHESIZER & MODULATOR FOR PHS
logo
Maxim Integrated Produc...
DS3170 MAXIM-DS3170_11 Datasheet
2Mb / 230P
   DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
Rev 2; 3/11
logo
List of Unclassifed Man...
RDA1846S ETC2-RDA1846S Datasheet
1Mb / 16P
   Single Chip Transceiver For Wlkie Talkie
logo
Sony Corporation
CXG1010N SONY-CXG1010N Datasheet
218Kb / 6P
   Power Amplifier for PHS
logo
Infineon Technologies A...
BGT24MTR11 INFINEON-BGT24MTR11 Datasheet
1Mb / 27P
   Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-03-25
BGT24ATR11 INFINEON-BGT24ATR11 Datasheet
1Mb / 28P
   Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.0, 2013-09-10
BGT24ATR12 INFINEON-BGT24ATR12 Datasheet
1Mb / 29P
   Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-07-15
BGT24MTR12 INFINEON-BGT24MTR12 Datasheet
1Mb / 28P
   Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.2, 2014-07-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com