Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSOP-10 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # MSOP-10
Description  Reference Pattern Layout Dimensions
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

MSOP-10 Datasheet(HTML) 3 Page - Torex Semiconductor

  MSOP-10 Datasheet HTML 1Page - Torex Semiconductor MSOP-10 Datasheet HTML 2Page - Torex Semiconductor MSOP-10 Datasheet HTML 3Page - Torex Semiconductor MSOP-10 Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
●MSOP-10 Power Dissipation
Power dissipation data for the MSOP-10 is shown in this page.
The value of power dissipation varies with the mount board conditions.
Please use this data as one of reference data taken in the described condition.
1.
Measurement Condition (Reference data)
Condition : Mount on a board
Ambient : Natural convection
Soldering : Lead (Pb) free
Board : Dimensions 40mm×40mm(1600mm
2
in one side)
1st Inner Metal Layer about 50% tied to the pin 10
2nd Inner Metal Layer does not exist
3rd Inner Metal Layer does not exist
4th Inner Metal Layer about 50% tied to the pin 10
Each pin is tied to the copper traces
Material : Glass Epoxy(FR-4)
Thickness : 1.6mm
Through-hole : 10 x 0.8 Diameter
Evaluation Board (Unit: mm)
2.
Power Dissipation vs. Ambient temperature
Board Mount (Tjmax=125℃)
Ambient Temperature (℃)
Power Dissipation Pd (mW)
Thermal Resistance (℃/W)
25
500
85
200
200.00


Similar Part No. - MSOP-10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MSOP-10 DIODES-MSOP-10 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
MSOP-10 DIODES-MSOP-10 Datasheet
404Kb / 27P
   SUGGESTED PAD LAYOUT
logo
Analog Microelectronics
MSOP-10 AME-MSOP-10 Datasheet
61Kb / 1P
   A1 : MIN 0.000 MAX 0.150 A2 : MIN 0.750 MAX 0.952
MSOP-10 AME-MSOP-10 Datasheet
36Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
logo
Global Mixed-mode Techn...
MSOP-10 GMT-MSOP-10 Datasheet
180Kb / 1P
   Package Outline
More results

Similar Description - MSOP-10

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
SOT-89 TOREX-SOT-89 Datasheet
362Kb / 5P
   Reference Pattern Layout Dimensions
USP-6C TOREX-USP-6C Datasheet
318Kb / 4P
   Reference Pattern Layout Dimensions
USPN-6 TOREX-USPN-6 Datasheet
317Kb / 4P
   Reference Pattern Layout Dimensions
QFN-24 TOREX-QFN-24 Datasheet
335Kb / 4P
   Reference Pattern Layout Dimensions
SOT-23 TOREX-SOT-23 Datasheet
406Kb / 5P
   Reference Pattern Layout Dimensions
TSSOP-16 TOREX-TSSOP-16 Datasheet
205Kb / 3P
   Reference Pattern Layout Dimensions
USP-10B03 TOREX-USP-10B03 Datasheet
340Kb / 4P
   Reference Pattern Layout Dimensions
USP-6B TOREX-USP-6B Datasheet
209Kb / 4P
   Reference Pattern Layout Dimensions
WLP-5-03 TOREX-WLP-5-03 Datasheet
288Kb / 4P
   Reference Pattern Layout Dimensions
USP-11B01 TOREX-USP-11B01 Datasheet
115Kb / 1P
   Reference Pattern Layout Dimensions
SOP-8FD TOREX-SOP-8FD Datasheet
304Kb / 4P
   Reference Pattern Layout Dimensions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com