Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT-23 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # SOT-23
Description  Reference Pattern Layout Dimensions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

SOT-23 Datasheet(HTML) 4 Page - Torex Semiconductor

  SOT-23 Datasheet HTML 1Page - Torex Semiconductor SOT-23 Datasheet HTML 2Page - Torex Semiconductor SOT-23 Datasheet HTML 3Page - Torex Semiconductor SOT-23 Datasheet HTML 4Page - Torex Semiconductor SOT-23 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
●SOT-23 Power Dissipation (Tj=150℃)
MOSFET DATA
Power dissipation data for the SOT-23 is shown in this page.
The value of power dissipation varies with the mount board conditions.
Please use this data as one of reference data taken in the described condition.
1.
Measurement Condition (Reference data)
Condition : Mount on a board
Ambient : Natural convection
Soldering : Lead (Pb) free
Board : Dimensions 250mm
2
Material : Ceramic
Thickness : 0.8mm
2.
Power Dissipation vs. Ambient temperature
Board Mount ( Tjmax=150℃)
Ambient Temperature (℃)
Power Dissipation Pd (mW)
Thermal Resistance (℃/W)
25
1000
105
360
125.00
Pd vs Ta
0
200
400
600
800
1000
1200
25
50
75
100
125
150
Ambient TemperatureTa(℃)


Similar Part No. - SOT-23

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
SOT-23 KEC-SOT-23 Datasheet
354Kb / 1P
   PACKAGE DIMENSION
logo
Shenzhen Luguang Electr...
SOT-23 LUGUANG-SOT-23 Datasheet
219Kb / 2P
   Surface Mount Switching Diode
logo
SHENZHEN YONGERJIA INDU...
SOT-23 WINNERJOIN-SOT-23 Datasheet
150Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Motorola, Inc
SOT-23 MOTOROLA-SOT-23 Datasheet
258Kb / 20P
   Zener Voltage Regulator Didoes
logo
SHENZHEN YONGERJIA INDU...
SOT-23 WINNERJOIN-SOT-23 Datasheet
98Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - SOT-23

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
SOT-89 TOREX-SOT-89 Datasheet
362Kb / 5P
   Reference Pattern Layout Dimensions
USP-6C TOREX-USP-6C Datasheet
318Kb / 4P
   Reference Pattern Layout Dimensions
USPN-6 TOREX-USPN-6 Datasheet
317Kb / 4P
   Reference Pattern Layout Dimensions
QFN-24 TOREX-QFN-24 Datasheet
335Kb / 4P
   Reference Pattern Layout Dimensions
TSSOP-16 TOREX-TSSOP-16 Datasheet
205Kb / 3P
   Reference Pattern Layout Dimensions
USP-10B03 TOREX-USP-10B03 Datasheet
340Kb / 4P
   Reference Pattern Layout Dimensions
USP-6B TOREX-USP-6B Datasheet
209Kb / 4P
   Reference Pattern Layout Dimensions
WLP-5-03 TOREX-WLP-5-03 Datasheet
288Kb / 4P
   Reference Pattern Layout Dimensions
USP-11B01 TOREX-USP-11B01 Datasheet
115Kb / 1P
   Reference Pattern Layout Dimensions
SOP-8FD TOREX-SOP-8FD Datasheet
304Kb / 4P
   Reference Pattern Layout Dimensions
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com