Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9131 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC9131
Description  1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9131 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC9131 Datasheet HTML 3Page - Torex Semiconductor XC9131 Datasheet HTML 4Page - Torex Semiconductor XC9131 Datasheet HTML 5Page - Torex Semiconductor XC9131 Datasheet HTML 6Page - Torex Semiconductor XC9131 Datasheet HTML 7Page - Torex Semiconductor XC9131 Datasheet HTML 8Page - Torex Semiconductor XC9131 Datasheet HTML 9Page - Torex Semiconductor XC9131 Datasheet HTML 10Page - Torex Semiconductor XC9131 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7/28
XC9131
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
MODE "H" Voltage
VMODEH
RL=330Ω, Voltage operates at PWM control
0.75
-
5.5
V
MODE "L" Voltage
VMODEL
RL=330Ω, Voltage operates at PFM control
AGND
-
0.2
V
EN "H" Current
IENH
VIN=VOUT=VFB=VEN=5.5V
-
-
0.1
μ
A
EN "L" Current
IENL
VIN=VOUT=VFB=5.5V, VEN=0V
-0.1
-
-
μ
A
MODE "H" Current
IMODEH
VIN=VOUT=VFB=VEN=VMODE=5.5V
-
-
0.1
μ
A
MODE "L" Current
IMODEL
VIN=VOUT=VFB=VEN=5.5V, VMODE=0V
-0.1
-
-
μ
A
FB "H" Current
IFBH
VIN=VOUT=VEN=VFB=5.5V
-
-
0.1
μ
A
FB "L" Current
IFBL
VIN=VOUT=VEN=5.5V, VFB=0V
-0.1
-
-
μ
A
External Components: CIN=10μF(ceramic), L=2.2μH(VLCF4020 TDK), CDD=0.47μF(ceramic), RFB1=560kΩ, RFB2=100kΩ
CIN=22μF(ceramic), CFB=0pF
Test Conditions:
For the Circuit No.1, unless otherwise stated, VIN=1.8V, VEN=VMODE=3.3V
For the Circuit No.2, unless otherwise stated, VIN=VOUT=VEN=3.3V, VMODE=0V (GND connected)
For the Circuit No.3, unless otherwise stated, VOUT=VEN=VMODE=VFB=0V (GND connected)
For the Circuit No.4, unless otherwise stated, VOUT=VEN=VMODE=VFB=0V (GND connected)
For the Circuit No.5, unless otherwise stated, VIN=0.9V, VOUT=VEN=VMODE=Vpull=3.3V
For the Circuit No.6, unless otherwise stated, VOUT=3.3V, VEN=VMODE=VFB=0V (GND connected)
For the Circuit No.7, unless otherwise stated, VIN=VOUT=VFB=3.3V, VEN=VMODE=0V (GND connected)
For the Circuit No.8, unless otherwise stated, VIN=VEN=VMODE=3.3V
For the Circuit No.9, unless otherwise stated, VIN=VOUT=VEN=3.3V,VFB=VMODE=0V (GND connected)
NOTE:
*1 : Designed value
*2 : Efficiency ={(output voltage) X (output current)} ÷ {(input voltage) X (input current)} X 100
*3 : LX SW "P-ch" ON resistance=(VLx-VOUT pin test voltage)÷200mA
*4 : Testing method of LX SW "N-ch" ON resistance is stated at test circuits.
*5 : CL Discharge resistance = VOUT ÷ VOUT pin measure current
*6 : FO ON resistance = VFO ÷ FO pin measure current
*7 : When the output voltage is lower than 2.5V, the maximum current limit may become low.
ELECTRICAL CHARACTERISTICS (Continued)
XC9131F05C / XC9131H05C (Continued)


Similar Part No. - XC9131

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9133 TOREX-XC9133 Datasheet
545Kb / 15P
   Step-Up DC/DC Converter-LED Backlight Driver
XC9133B02AER TOREX-XC9133B02AER Datasheet
545Kb / 15P
   Step-Up DC/DC Converter-LED Backlight Driver
XC9133B02AMR TOREX-XC9133B02AMR Datasheet
545Kb / 15P
   Step-Up DC/DC Converter-LED Backlight Driver
XC9133B02AMR-G TOREX-XC9133B02AMR-G Datasheet
545Kb / 15P
   Step-Up DC/DC Converter-LED Backlight Driver
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
More results

Similar Description - XC9131

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XCL105 TOREX-XCL105 Datasheet
2Mb / 41P
   1.4A, Inductor Built-in Step-up DC/DC Converters
logo
Linear Technology
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com