Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9254R Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC9254R
Description  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9254R Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC9254R Datasheet HTML 6Page - Torex Semiconductor XC9254R Datasheet HTML 7Page - Torex Semiconductor XC9254R Datasheet HTML 8Page - Torex Semiconductor XC9254R Datasheet HTML 9Page - Torex Semiconductor XC9254R Datasheet HTML 10Page - Torex Semiconductor XC9254R Datasheet HTML 11Page - Torex Semiconductor XC9254R Datasheet HTML 12Page - Torex Semiconductor XC9254R Datasheet HTML 13Page - Torex Semiconductor XC9254R Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10/17
XC9254R Series
SW_CE
STATUS
ON
Stand-by
OFF
Operation
SW_CE
STATUS
ON
Operation
OFF
Stand-by
CE VOLTAGE LEVEL
OPERATIONAL STATES
H Level
Synchronous
PWM/PFM
Automatic Switching
L Level
Stand-by
■FUNCTION CHART
<CE Pin Function>
The operation of the XC9254R series will enter into the shut down mode when a low level signal is input to the CE pin.
During
the shutdown mode, the current consumption of the IC becomes 0μA (TYP.), with a state of high impedance at the Lx pin and
VOUT pin.
The IC starts its operation by inputting a high level signal to the CE pin.
The input to the CE pin is a CMOS input and
the sink current is 0μA (TYP.).
●Examples of how to use CE pin
(A)
(B)
(A)
(B)
■OPERATIONAL DESCRIPTION (Continued)
<Soft Start>
The XC9254R series provide 1.0ms (TYP).
Soft start time is defined as the time interval to reach 90% of the output voltage from the time when the CE pin is turned on.
90% of setting voltage
tSS
CE
CE


Similar Part No. - XC9254R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9250A083QR-G TOREX-XC9250A083QR-G Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9250A085QR-G TOREX-XC9250A085QR-G Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9250B083QR-G TOREX-XC9250B083QR-G Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9250B085QR-G TOREX-XC9250B085QR-G Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9254R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235 Datasheet
760Kb / 28P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
logo
Union Semiconductor, In...
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com