Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9254R Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9254R
Description  600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9254R Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9254R Datasheet HTML 7Page - Torex Semiconductor XC9254R Datasheet HTML 8Page - Torex Semiconductor XC9254R Datasheet HTML 9Page - Torex Semiconductor XC9254R Datasheet HTML 10Page - Torex Semiconductor XC9254R Datasheet HTML 11Page - Torex Semiconductor XC9254R Datasheet HTML 12Page - Torex Semiconductor XC9254R Datasheet HTML 13Page - Torex Semiconductor XC9254R Datasheet HTML 14Page - Torex Semiconductor XC9254R Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
XC9254R
Series
■NOTE ON USE
1. The XC9254R series is designed for use with ceramic output capacitors.
If, however, the potential difference is too large
between the input voltage and the output voltage, a ceramic capacitor may fail to absorb the resulting high switching energy
and oscillation could occur on the output.
If the input-output potential difference is large, connect an electrolytic capacitor
in parallel to compensate for insufficient capacitance.
2. Spike noise and ripple voltage arise in a switching regulator as with a DC/DC converter.
These are greatly influenced by
external component selection, such as the coil inductance, capacitance values, and board layout of external components.
Once the design has been completed, verification with actual components should be done.
3. Depending on the input-output voltage differential, or load current, some pulses may be skipped, and the ripple voltage may
increase.
4. When the difference between VIN and VOUT is large in PWM control, very narrow pulses will be outputted, and there is the
possibility that some cycles may be skipped completely.
5. When the difference between VIN and VOUT is small, and the load current is heavy, very wide pulses will be outputted and
there is the possibility that some cycles may be skipped completely.
6. With the IC, the peak current of the coil is controlled by the current limit circuit.
Since the peak current increases when
dropout voltage or load current is high, current limit starts operation, and this can lead to instability.
When peak current
becomes high, please adjust the coil inductance value and fully check the circuit operation.
In addition, please calculate
the peak current according to the following formula:
Ipk = (VIN - VOUT) x OnDuty / (2 x L x fOSC) + IOUT
L: Coil Inductance Value
fOSC: Oscillation Frequency
7. When the peak current which exceeds limit current flows within the specified time, the built-in Pch MOS driver transistor
turns off.
During the time until it detects limit current and before the built-in transistor can be turned off, the current for limit
current flows; therefore, care must be taken when selecting the rating for the external components such as a coil.
8. When VIN is less than 2.4V, limit current may not be reached because voltage falls caused by ON resistance.
9. Care must be taken when laying out the PC Board, in order to prevent misoperation of the current limit mode.
Depending
on the state of the PC Board, latch time may become longer and latch operation may not work. In order to avoid the effect of
noise, the board should be laid out so that input capacitors are placed as close to the IC as possible.
10. Use of the IC at voltages below the recommended voltage range may lead to instability.
11. This IC should be used within the stated absolute maximum ratings in order to prevent damage to the device.
12. When the IC is used in high temperature, output voltage may increase up to input voltage level at no load because of the
leak current of the driver transistor.
13. The current limit is set to 1350mA (MAX.) at typical.
However, the current of 1350mA or more may flow.
In case that the
current limit functions while the VOUT pin is shorted to the GND pin, when Pch MOS driver transistor is ON, the potential
difference for input voltage will occur at both ends of a coil.
For this, the time rate of coil current becomes large.
By
contrast, when Nch MOS driver transistor is ON, there is almost no potential difference at both ends of the coil since the
VOUT pin is shorted to the GND pin.
Consequently, the time rate of coil current becomes quite small.
According to the
repetition of this operation, and the delay time of the circuit, coil current will be converged on a certain current value,
exceeding the amount of current, which is supposed to be limited originally.
Even in this case, however, after the over
current state continues for several ms, the circuit will be latched.
A coil should be used within the stated absolute
maximum rating in order to prevent damage to the device.
①Current flows into Pch MOS driver transistor to reach the current limit (ILIM).
②The current of ILIM or more flows since the delay time of the circuit occurs during from the detection of the current limit to
OFF of Pch MOS driver transistor.
③Because of no potential difference at both ends of the coil, the time rate of coil current becomes quite small.
④Lx oscillates very narrow pulses by the current limit for several ms.
⑤The circuit is latched, stopping its operation.
LX
ILX
ILIM
Limit >
# mS
Delay
ms


Similar Part No. - XC9254R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9250A083QR-G TOREX-XC9250A083QR-G Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9250A085QR-G TOREX-XC9250A085QR-G Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9250B083QR-G TOREX-XC9250B083QR-G Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9250B085QR-G TOREX-XC9250B085QR-G Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9254R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235 Datasheet
760Kb / 28P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
logo
Union Semiconductor, In...
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com