Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCL213 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XCL213
Description  1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL213 Datasheet(HTML) 3 Page - Torex Semiconductor

  XCL213 Datasheet HTML 1Page - Torex Semiconductor XCL213 Datasheet HTML 2Page - Torex Semiconductor XCL213 Datasheet HTML 3Page - Torex Semiconductor XCL213 Datasheet HTML 4Page - Torex Semiconductor XCL213 Datasheet HTML 5Page - Torex Semiconductor XCL213 Datasheet HTML 6Page - Torex Semiconductor XCL213 Datasheet HTML 7Page - Torex Semiconductor XCL213 Datasheet HTML 8Page - Torex Semiconductor XCL213 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
XCL213/XCL214
Series
1 VIN
2 NC
3 Lx
VOUT 4
AGND 5
CE 6
7
PGND
9
L2
8
L1
PIN CONFIGURATION
PIN ASSIGNMENT
PIN NUMBER
PIN NAME
FUNCTIONS
1
VIN
Power Input
2
NC
No Connection
3
Lx
Switching Output
4
VOUT
Fixed Output Voltage PIN
5
AGND
Analog Ground
6
CE
Chip Enable
7
PGND
Power Ground
8
L1
Inductor Electrodes
9
L2
Inductor Electrodes
FUNCTION TABLE
CE PIN Function
PIN NAME
SIGNAL
STATUS
1
Low
Stand-by
2
High
Active
* Please do not leave the CE pin open.
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
All voltages are described based on the GND (AGND and PGND) pin.
(*1) The maximum value should be either VIN+0.3 or +6.2 in the lowest voltage
(*2) The maximum value should be either VIN+0.3 or +4.0 in the lowest voltage
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Pin Voltage
VIN
-0.3 ~ + 6.2
V
LX Pin Voltage
VLx
- 0.3 ~ VIN + 0.3 or + 6.2
(*1)
V
VOUT Pin Voltage
Vout
- 0.3 ~ VIN + 0.3 or + 4.0
(*2)
V
CE Pin Voltage
VCE
- 0.3 ~ + 6.2
V
Power Dissipation
Pd
1200
mW
Operating Ambient Temperature
Topr
- 40 ~ + 85
Storage Temperature
Tstg
- 55 ~ + 125
BOTTOM VIEW


Similar Part No. - XCL213

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL210 TOREX-XCL210 Datasheet
978Kb / 24P
   50mA/200mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL211 TOREX-XCL211 Datasheet
626Kb / 16P
   3.1mm횞4.7mm, h=1.3mm
XCL211B082DR TOREX-XCL211B082DR Datasheet
626Kb / 16P
   3.1mm횞4.7mm, h=1.3mm
XCL212 TOREX-XCL212 Datasheet
626Kb / 16P
   3.1mm횞4.7mm, h=1.3mm
XCL212B082DR TOREX-XCL212B082DR Datasheet
626Kb / 16P
   3.1mm횞4.7mm, h=1.3mm
More results

Similar Description - XCL213

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL201 TOREX-XCL201 Datasheet
567Kb / 21P
   Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
   400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL220 TOREX-XCL220 Datasheet
1Mb / 20P
   1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL222 TOREX-XCL222 Datasheet
1Mb / 20P
   0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL221 TOREX-XCL221 Datasheet
1Mb / 20P
   0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL219 TOREX-XCL219 Datasheet
1Mb / 20P
   1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XDL601 TOREX-XDL601 Datasheet
1Mb / 21P
   HiSAT-COT 짰 Control, 1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL223 TOREX-XCL223 Datasheet
669Kb / 20P
   0.4A/0.7A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL210 TOREX-XCL210 Datasheet
978Kb / 24P
   50mA/200mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL225 TOREX-XCL225 Datasheet
761Kb / 27P
   0.5A Inductor Built-in Step-down ?쐌icro DC/DC??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com