Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSM4N90 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # KSM4N90
Description  900V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSM4N90 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  KSM4N90 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSM4N90 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSM4N90 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSM4N90 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSM4N90 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSM4N90 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
900V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Kersemi proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switch mode power supplies.
Features
• 4.2A, 900V, RDS(on) = 3.3 Ω @ VGS = 10 V
• Low gate charge ( typically 24 nC)
• Low Crss ( typically 9.5 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
KSM4N90
Units
VDSS
Drain-Source Voltage
900
V
ID
Drain Current
- Continuous (TC = 25°C)
4.2
A
- Continuous (TC = 100°C)
2.65
A
IDM
Drain Current
- Pulsed
(Note 1)
16.8
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
570
mJ
IAR
Avalanche Current
(Note 1)
4.2
A
EAR
Repetitive Avalanche Energy
(Note 1)
14
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.0
V/ns
PD
Power Dissipation (TC = 25°C)
140
W
- Derate above 25°C
1.12
W/°C
TJ, Tstg
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.89
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
TO-220
KSM4N90
2014-6-25
1
www.kersemi.com


Similar Part No. - KSM4N90

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSM4N25 KERSEMI-KSM4N25 Datasheet
1Mb / 7P
   250V N-CHANNEL MOSFET
KSM4N50 KERSEMI-KSM4N50 Datasheet
1Mb / 7P
   500V N-CHANNEL MOSFET
KSM4N60 KERSEMI-KSM4N60 Datasheet
1Mb / 6P
   600V N-Channel MOSFET
KSM4N65 KERSEMI-KSM4N65 Datasheet
708Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM4N80 KERSEMI-KSM4N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
More results

Similar Description - KSM4N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com