Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1000RM2UTAA Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SM1000RM2UTAA
Description  TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SM1000RM2UTAA Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SM1000RM2UTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SM1000RM2UTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SM1000RM2UTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SM1000RM2UTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SM1000RM2UTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAA-Compliant SmartPro 120V 1kVA .8kW
Line-Interactive Sine Wave UPS, SNMP, Webcard,
2U Rack/Tower, LCD, USB, DB9 Serial
MODEL NUMBER: SM1000RM2UTAA
Description
Tripp Lite's SM1000RM2UTAA is compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule
purchases. Tripp Lite SmartPro Line Interactive UPS with enhanced LCD interface offers network-grade power
protection for critical server, network and telecommunications equipment. Line Interactive Uninterruptible Power
Supply (UPS) with built-in Auto-Voltage Regulation (AVR) actively corrects brownouts and overvoltages back to
usable levels while maintaining a full battery charge in case of power failure. Interactive LCD interface reports
UPS operating mode, detailed UPS and site-power data, plus enables a variety of UPS setup and configuration
options. Super-fast switchover from line to battery power occurs within milliseconds to maintain operation of
connected equipment without interruption or reboot. 95% line-mode efficiency offers reduced heat emissions and
operating costs. Network management interfaces support communications via USB, RS-232 and optional SNMPWEBCARD network interface. HID-compliant
USB port enables integration with built-in power management and auto shutdown features of Windows and Mac OS X. Network communications ports enable
detailed monitoring of equipment load levels, self-test data and utility power conditions. Includes PowerAlert monitoring software and complete cabling.
Switched output load banks enable scheduled and real-time remote reboot and load shedding of select outlets. Emergency Power Off (EPO) interface. LCD
display panel easily rotates for viewing in rackmount or tower configurations. Audible alarm with push-button momentary alarm-cancel and silent-mode
configuration options. Programmable self-test. Field-replaceable, hot-swappable battery modules.
Features
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Tripp Lite SM1000RM2UTAA line interactive 2U rack/tower UPS with 1000VA / 1kVA / 800W capacity
Line interactive UPS with Automatic Voltage Regulation (AVR) corrects brownouts and overvoltages from 83 to 145V
NEMA 5-15P input plug; 6 NEMA 5-15R output receptacles, Two independently switchable output load banks
Maintains uninterrupted operation of connected networking equipment during blackouts, surges, brownouts and overvoltages
High 95% efficiency rating in line-power mode offers reduced power consumption and BTU emissions
Internal batteries offer 15 minutes at 50% load (400W) and 5.3 minutes at 100% load (800W)
Hot-swappable, user-replaceable internal batteries can be replaced with no disruption to connected equipment
Highlights
Federal Trade Agreements Act /
TAA Compliant for GSA
Schedule purchases
1kVA / 1000VA / 800 watt line
interactive 2U rack/tower UPS,
Sine wave output
120V output, Corrects brownouts
and overvoltages from 83V to
147V
Interactive LCD provides UPS
status and advanced
configuration options
USB, RS232, EPO and slot for
optional SNMP/Web card
2 independently switchable
output load banks, 12.5 in / 31.75
cm depth
NEMA 5-15P input, 6 NEMA
5-15R outlets
Package Includes
SM1000RM2UTAA TAA
Compliant UPS System
PowerAlert software with USB,
Serial & EPO cabling
4 post rackmount installation kit
Instruction manual
1 / 5


Similar Part No. - SM1000RM2UTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SM1000RM1UTAA TRIPPLITE-SM1000RM1UTAA Datasheet
491Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
SM1000RM1UTAA-ND TRIPPLITE-SM1000RM1UTAA-ND Datasheet
491Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
More results

Similar Description - SM1000RM2UTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SM1000RM1UTAA TRIPPLITE-SM1000RM1UTAA Datasheet
491Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
SMART1000RM2U TRIPPLITE-SMART1000RM2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack, USB, DB9 Serial, LCD
SM3000RM2UNTAA TRIPPLITE-SM3000RM2UNTAA Datasheet
510Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard,2U Rack-Tower, LCD, USB, DB9 Serial
SMART1000RMXL2U TRIPPLITE-SMART1000RMXL2U Datasheet
510Kb / 5P
   SmartPro 120V 1kVA 900W Line Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SM2200RMXL2UTAA TRIPPLITE-SM2200RMXL2UTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1920W Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SM3000RM2UTAA TRIPPLITE-SM3000RM2UTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SM1500RMXL2UTAA TRIPPLITE-SM1500RMXL2UTAA Datasheet
509Kb / 5P
   TAA-Compliant SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART1000RM1U TRIPPLITE-SMART1000RM1U_15 Datasheet
482Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
SMART2200RM2U TRIPPLITE-SMART2200RM2U_15 Datasheet
504Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, SNMP, Webcard option, 2U Rack-Tower,LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com