Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSM10N50CF Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Part # KSM10N50CF
Description  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSM10N50CF Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  KSM10N50CF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSM10N50CF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSM10N50CF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSM10N50CF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSM10N50CF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSM10N50CF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSM10N50CF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. KSM10N50CF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. KSM10N50CF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Typical Performance Characteristics (Continued)
Figure 11-1. Transient Thermal Response Curve for FQP10N50CF
Figure 11-2. Transient Thermal Response Curve for FQPF10N50CF
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* Notes :
1. Z
?JC
(t) = 0.87
0C/W
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * Z?JC
(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square Wave Pulse Duration [sec]
t1
PDM
t2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* Notes :
1. Z
?JC
(t) = 2.58
0C/W
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * Z?JC
(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square Wave Pulse Duration [sec]
t1
PDM
t2
KSM10N50CF/KSMF10N50CF
2014-6-29
5
www.kersemi.com


Similar Part No. - KSM10N50CF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSM10N60 KERSEMI-KSM10N60 Datasheet
731Kb / 4P
   Advanced high cell denity trench technology for ultra RDS
KSM10N60C KERSEMI-KSM10N60C Datasheet
2Mb / 7P
   600V N-Channel MOSFET
KSM10N65 KERSEMI-KSM10N65 Datasheet
692Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
More results

Similar Description - KSM10N50CF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com