Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2200RMXL2UTAA Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SM2200RMXL2UTAA
Description  TAA-Compliant SmartPro 120V 2.2kVA 1920W Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SM2200RMXL2UTAA Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SM2200RMXL2UTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SM2200RMXL2UTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SM2200RMXL2UTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SM2200RMXL2UTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SM2200RMXL2UTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UPS Input Connection Type
5-20P
UPS Input Cord Length (ft.)
10
UPS Input Cord Length (m)
3
Recommended Electrical Service
20A 120V
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
4.5 min. (1920w)
Half Load Runtime (min.)
12 min. (960w)
Expandable Battery Runtime
Extended runtime supported via optional external battery packs; 1600 watts maximum load with external battery
packs
External Battery Pack Compatibility
BP48V24-2U (limit 1); BP48V242UTAA (limit 1); BP48V27-2US (multi-pack compatible); BP48V60RT-3U
(multi-pack compatible); BP48V60RT3UTAA (multi-pack compatible)
DC System Voltage (VDC)
48
Battery Recharge Rate (Included
Batteries)
Less than 4.5 hours from 10% to 90%
Internal UPS Replacement Battery
Cartridge
RBC94-2U
Battery Access
Front panel battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 83 to 145
Overvoltage Correction
Voltage reduction of 12% applies when input is between 127 and 145
Undervoltage Correction
Voltage boost of 12% applies when input voltage is between 96 and 108
Severe Undervoltage Correction
Voltage boost of 24% applies when input voltage is between 83 and 95
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Front panel LCD information and configuration screen offers detailed UPS and site power status and operating
data, plus configuration of voltage, operating mode, alarm function and a variety of additional options (see manual
for detailed LCD configuration and monitoring options)
Switches
Power-fail alarm can be temporarily silenced using alarm-cancel switch; silent mode alarm configuration option
available
Alarm Cancel Operation
Power-fail alarm can be temporarily silenced using alarm-cancel switch; silent mode alarm configuration option
available
Audible Alarm
Audible alarm indicates UPS startup, power-failure, low-battery, overload, UPS fault and remote shutdown conditions
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
570
3 / 5


Similar Part No. - SM2200RMXL2UTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SM2200RMXL2UPN TRIPPLITE-SM2200RMXL2UPN Datasheet
182Kb / 6P
   SmartPro 120V 2200VA 1920W Line-Interactive Sine Wave UPS, 2U, Extended Run, WEBCARDLX, LCD, USB, DB9
More results

Similar Description - SM2200RMXL2UTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200RMXL2U TRIPPLITE-SMART2200RMXL2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SM3000RM2UTAA TRIPPLITE-SM3000RM2UTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SM1500RMXL2UTAA TRIPPLITE-SM1500RMXL2UTAA Datasheet
509Kb / 5P
   TAA-Compliant SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMX2200XLRT2U TRIPPLITE-SMX2200XLRT2U Datasheet
504Kb / 5P
   SmartPro 230V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART2200RMXLN TRIPPLITE-SMART2200RMXLN Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
SM3000RMXL2UTAA TRIPPLITE-SM3000RMXL2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U, LCD, USB, DB9 Serial
SMART2600RM2U TRIPPLITE-SMART2600RM2U_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.6kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SMART3000RMXL2U TRIPPLITE-SMART3000RMXL2U Datasheet
508Kb / 5P
   SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com