Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2200RMXL2UTAA Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SM2200RMXL2UTAA
Description  TAA-Compliant SmartPro 120V 2.2kVA 1920W Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SM2200RMXL2UTAA Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SM2200RMXL2UTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SM2200RMXL2UTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SM2200RMXL2UTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SM2200RMXL2UTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SM2200RMXL2UTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NEMA 5-20P input plug; 4 NEMA 5-15/20R and 4 5-15R output receptacles, Two independently switched output load banks
Maintains uninterrupted operation of connected networking equipment during blackouts, surges, brownouts and overvoltages
High 96% efficiency rating in line-power mode offers reduced power consumption and BTU emisssions
Internal batteries offer 12 minutes at 50% load (960W) and 4.5 minutes at 100% load (1920W)
Extended runtime is available with optional BP48V24-2U / BP48V242UTAA (limit 1) OR BP48V60RT3U / BP48V60RT3UTAA (no limit), Output is reduced
to 1600 watts maximum with external battery packs
External battery configurations require the use of Tripp Lite's External Battery Configuration Software (see manual)
Hot-swappable, user-replaceable internal batteries and external battery packs can be replaced with no disruption to connected equipment
Front panel LCD monitoring screen with MODE and ENTER buttons reports operating mode with 5-bar battery charge graphic, plus 7 selectable screens
of detailed UPS and site power information
LCD interface also supports a number of advanced user setup and operating preferences
Ships with 4 post rackmount installation hardware; Optional 2POSTRMKITWM enables 2 post rackmount/wallmount installation; Optional 2-9USTAND
enables tower placement
Built-in USB, RS-232 and optional SNMPWEBCARD accessory monitoring options
HID-compliant USB port enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Included PowerAlert UPS monitoring software; Built-in Emergency Power Off (EPO) interface with cable
Specifications
OUTPUT
Output Capacity Details
Output derates to 1600 watts in all external battery pack configurations
Output Volt Amp Capacity (VA)
2200
Output kVA Capacity (kVA)
2.2
Output Watt Capacity (Watts)
1920
Output kW Capacity (kW)
1.92
Nominal Output Voltage(s)
Supported
120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
-14%, +6%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(4) 5-15R; (4) 5-15/20R
Load Management Receptacles
Two switched single outlet load banks (1 5-15/20R & 1 5-15R)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
16A (120V)
Nominal Input Voltage(s) Supported
120V AC
2 / 5


Similar Part No. - SM2200RMXL2UTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SM2200RMXL2UPN TRIPPLITE-SM2200RMXL2UPN Datasheet
182Kb / 6P
   SmartPro 120V 2200VA 1920W Line-Interactive Sine Wave UPS, 2U, Extended Run, WEBCARDLX, LCD, USB, DB9
More results

Similar Description - SM2200RMXL2UTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200RMXL2U TRIPPLITE-SMART2200RMXL2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SM3000RM2UTAA TRIPPLITE-SM3000RM2UTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SM1500RMXL2UTAA TRIPPLITE-SM1500RMXL2UTAA Datasheet
509Kb / 5P
   TAA-Compliant SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMX2200XLRT2U TRIPPLITE-SMX2200XLRT2U Datasheet
504Kb / 5P
   SmartPro 230V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART2200RMXLN TRIPPLITE-SMART2200RMXLN Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
SM3000RMXL2UTAA TRIPPLITE-SM3000RMXL2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U, LCD, USB, DB9 Serial
SMART2600RM2U TRIPPLITE-SMART2600RM2U_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.6kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SMART3000RMXL2U TRIPPLITE-SMART3000RMXL2U Datasheet
508Kb / 5P
   SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com