Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N0300N Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # N0300N
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0300N Datasheet(HTML) 7 Page - Renesas Technology Corp

  N0300N_15 Datasheet HTML 1Page - Renesas Technology Corp N0300N_15 Datasheet HTML 2Page - Renesas Technology Corp N0300N_15 Datasheet HTML 3Page - Renesas Technology Corp N0300N_15 Datasheet HTML 4Page - Renesas Technology Corp N0300N_15 Datasheet HTML 5Page - Renesas Technology Corp N0300N_15 Datasheet HTML 6Page - Renesas Technology Corp N0300N_15 Datasheet HTML 7Page - Renesas Technology Corp N0300N_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet D19781EJ1V0DS
5
N0300N
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
20
40
60
80
100
120
-50 -25
0
25 50 75 100 125 150 175
VGS = 4.5 V
ID = 2.0 A
Pulsed
10 V
Tch - Channel Temperature -
°C
10
100
1000
0.01
0.1
1
10
100
Ciss
VGS = 0 V
f = 1.0 MHz
Coss
Crss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
0.1
1
10
100
tf
tr
td(on)
td(off)
VDD = 15 V
VGS = 10 V
RG = 6
Ω
ID - Drain Current - A
0
5
10
15
20
25
01
23
456
7
0
2
4
6
8
10
VDS
VGS
ID = 4.5 A
VDD = 24 V
15 V
6 V
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
0.0001
0.001
0.01
0.1
1
10
100
0
0.5
1
1.5
VGS = 0 V
Pulsed
VF(S-D) - Source to Drain Voltage - V


Similar Part No. - N0300N_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N0300N-T1B-AT RENESAS-N0300N-T1B-AT Datasheet
259Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
N0300N-T1B-AT VBSEMI-N0300N-T1B-AT Datasheet
488Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - N0300N_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com