Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF5852 Datasheet(PDF) 9 Page - International Rectifier

Part # IRF5852
Description  Power MOSFET(Vdss=20V)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5852 Datasheet(HTML) 9 Page - International Rectifier

  IRF5852 Datasheet HTML 1Page - International Rectifier IRF5852 Datasheet HTML 2Page - International Rectifier IRF5852 Datasheet HTML 3Page - International Rectifier IRF5852 Datasheet HTML 4Page - International Rectifier IRF5852 Datasheet HTML 5Page - International Rectifier IRF5852 Datasheet HTML 6Page - International Rectifier IRF5852 Datasheet HTML 7Page - International Rectifier IRF5852 Datasheet HTML 8Page - International Rectifier IRF5852 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF5852
www.irf.com
9
TSOP-6 Tape & Reel Information
Data and specifications subject to change without notice.
This product has been designed and qualified for the consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 3/01


Similar Part No. - IRF5852

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5852 IRF-IRF5852 Datasheet
130Kb / 10P
   Ultra Low On-Resistance
IRF5852 IRF-IRF5852 Datasheet
132Kb / 9P
   Ultra Low On-Resistance
IRF5852PBF IRF-IRF5852PBF Datasheet
206Kb / 9P
   Ultra Low On-Resistance
IRF5852TR IRF-IRF5852TR Datasheet
132Kb / 9P
   Ultra Low On-Resistance
IRF5852TRPBF IRF-IRF5852TRPBF Datasheet
130Kb / 10P
   Ultra Low On-Resistance
More results

Similar Description - IRF5852

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
   Power MOSFET(Vdss=20V)
IRF5810 IRF-IRF5810 Datasheet
208Kb / 9P
   Power MOSFET(Vdss=-20V)
IRF7707 IRF-IRF7707 Datasheet
154Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7507 IRF-IRF7507 Datasheet
216Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7106 IRF-IRF7106 Datasheet
158Kb / 7P
   Power MOSFET(Vdss=-20V)
IRF5806 IRF-IRF5806 Datasheet
218Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7700 IRF-IRF7700 Datasheet
155Kb / 9P
   Power MOSFET(Vdss=-20V)
IRF1902 IRF-IRF1902 Datasheet
107Kb / 9P
   Power MOSFET(Vdss=20V)
IRF6601 IRF-IRF6601 Datasheet
130Kb / 8P
   DirectFET??Power MOSFET(Vdss=20V)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com