Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP36P06SLG Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # NP36P06SLG
Description  SWITCHING P-CHANNEL POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP36P06SLG Datasheet(HTML) 7 Page - Renesas Technology Corp

  NP36P06SLG_15 Datasheet HTML 1Page - Renesas Technology Corp NP36P06SLG_15 Datasheet HTML 2Page - Renesas Technology Corp NP36P06SLG_15 Datasheet HTML 3Page - Renesas Technology Corp NP36P06SLG_15 Datasheet HTML 4Page - Renesas Technology Corp NP36P06SLG_15 Datasheet HTML 5Page - Renesas Technology Corp NP36P06SLG_15 Datasheet HTML 6Page - Renesas Technology Corp NP36P06SLG_15 Datasheet HTML 7Page - Renesas Technology Corp NP36P06SLG_15 Datasheet HTML 8Page - Renesas Technology Corp NP36P06SLG_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet D18008EJ5V0DS
5
NP36P06SLG
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
5
10
15
20
25
30
35
40
45
50
55
60
-100
-50
0
50
100
150
200
ID =
−18 A
Pulsed
−10 V
VGS =
−4.5 V
Tch - Channel Temperature -
°C
10
100
1000
10000
-0.1
-1
-10
-100
Ciss
Crss
Coss
VGS = 0 V
f = 1 MHz
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
1000
-0.1
-1
-10
-100
td(off)
tf
td(on)
tr
VDD =
−30 V, VGS = −10 V
RG = 0
Ω
ID - Drain Current - A
0
-10
-20
-30
-40
-50
-60
020
40
60
0
-2
-4
-6
-8
-10
-12
VDS
ID =
−36 A
VGS
VDD =
−48 V
−30 V
−12 V
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
-0.01
-0.1
-1
-10
-100
-1000
00.5
11.5
Pulsed
0 V
VGS =
−10 V
VF(S-D) - Source to Drain Voltage - V
1
10
100
1000
-0.1
-1
-10
-100
di/dt = 100 A/
μs
VGS = 0 V
IF - Diode Forward Current - A


Similar Part No. - NP36P06SLG_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP36P06SLG-E1-AY RENESAS-NP36P06SLG-E1-AY Datasheet
286Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
NP36P06SLG-E1-AY RENESAS-NP36P06SLG-E1-AY Datasheet
1Mb / 8P
   -60V – -36A – P-channel Power MOS FET Application : Automotive
May. 27, 2022
More results

Similar Description - NP36P06SLG_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2714GR NEC-UPA2714GR Datasheet
89Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
NP83P06PDG RENESAS-NP83P06PDG_15 Datasheet
299Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
NP20P06SLG RENESAS-NP20P06SLG_15 Datasheet
307Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
NP36P06SLG-E1-AY RENESAS-NP36P06SLG-E1-AY Datasheet
286Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
logo
NEC
UPA2711GR NEC-UPA2711GR Datasheet
149Kb / 7P
   SWITCHING P-CHANNEL POWER MOSFET
UPA1772 NEC-UPA1772 Datasheet
67Kb / 6P
   SWITCHING P-CHANNEL POWER MOSFET
UPA2713GR NEC-UPA2713GR Datasheet
77Kb / 7P
   SWITCHING P-CHANNEL POWER MOSFET
UPA2730TP NEC-UPA2730TP Datasheet
80Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
UPA1730TP NEC-UPA1730TP Datasheet
65Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
NP15P04SLG RENESAS-NP15P04SLG_15 Datasheet
305Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
NP20P04SLG RENESAS-NP20P04SLG_15 Datasheet
307Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com