Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSM61N20 Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # KSM61N20
Description  200V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSM61N20 Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  KSM61N20 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSM61N20 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSM61N20 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSM61N20 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSM61N20 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSM61N20 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSM61N20 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D = 250 µ A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
? Notes :
1. V
GS
= 10 V
2. I
D
= 30.5 A
T
J
, Junction Temperature [
oC]
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
10
3
100 ms
1 ms
10
µs
DC
10 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
? Notes :
1. T
C
= 25
oC
2. T
J
= 150
oC
3. Single Pulse
V
DS
, Drain-Source Voltage [V]
25
50
75
100
125
150
0
10
20
30
40
50
60
70
T
C
, Case Temperature [? ]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
?
N o te s :
1 . Z
?J C
(t) = 0 .3 ? /W M a x .
2 . D u ty F a c to r , D = t
1
/t
2
3 . T
JM
- T
C
= P
DM
* Z
?J C
(t)
s in g le p u ls e
D= 0 .5
0.02
0.2
0.05
0.1
0.0 1
t
1
, S qua r e W a v e P u ls e D u ra tion [s e c ]
t1
PDM
t
2
KSM61N20
2014-7-1
4
www.kersemi.com


Similar Part No. - KSM61N20

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSM6161LFG ITT-KSM6161LFG Datasheet
151Kb / 2P
   Side Actuated Detect Switches
logo
C&K Components
KSM6161LFG CK-COMPONENTS-KSM6161LFG Datasheet
164Kb / 2P
   Side Actuated Detect Switches
KSM6161LFG CK-COMPONENTS-KSM6161LFG Datasheet
243Kb / 2P
   Side Actuated Detect Switches
More results

Similar Description - KSM61N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com