Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2771T Datasheet(PDF) 2 Page - NEC

Part # UPC2771T
Description  3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2771T Datasheet(HTML) 2 Page - NEC

  UPC2771T Datasheet HTML 1Page - NEC UPC2771T Datasheet HTML 2Page - NEC UPC2771T Datasheet HTML 3Page - NEC UPC2771T Datasheet HTML 4Page - NEC UPC2771T Datasheet HTML 5Page - NEC UPC2771T Datasheet HTML 6Page - NEC UPC2771T Datasheet HTML 7Page - NEC UPC2771T Datasheet HTML 8Page - NEC UPC2771T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
µPC8182TB
PIN CONNECTIONS
Pin No.
Pin Name
1
INPUT
2
GND
3
GND
4
OUTPUT
5
GND
3
2
1
4
(Top View)
5
6
4
5
6
3
(Bottom View)
2
1
6
VCC
PRODUCT LINE-UP (TA = +25°C, VCC = Vout = 3.0 V, ZS = ZL = 50
Ω)
Part No.
fu
(GHz)
PO (1 dB)
(dBm)
GP
(dB)
ICC
(mA)
Package
Marking
µPC8182TB
2.9
+9.5 @ f = 0.9 GHz
21.5 @ f = 0.9 GHz
30.0
6-pin super minimold
C3F
+9.0 @ f = 1.9 GHz
20.5 @ f = 1.9 GHz
+8.0 @ f = 2.4 GHz
20.5 @ f = 2.4 GHz
µPC2762T
2.9
+8.0 @ f = 0.9 GHz
13.0 @ f = 0.9 GHz
26.5
6-pin minimold
C1Z
µPC2762TB
+7.0 @ f = 1.9 GHz
15.5 @ f = 1.9 GHz
6-pin super minimold
µPC2763T
2.7
+9.5 @ f = 0.9 GHz
20.0 @ f = 0.9 GHz
27.0
6-pin minimold
C2A
µPC2763TB
+6.5 @ f = 1.9 GHz
21.0 @ f = 1.9 GHz
6-pin super minimold
µPC2771T
2.2
+11.5 @ f = 0.9 GHz
21.0 @ f = 0.9 GHz
36.0
6-pin minimold
C2H
µPC2771TB
+9.5 @ f = 1.5 GHz
21.0 @ f = 1.5 GHz
6-pin super minimold
µPC8181TB
4.0
+8.0 @ f = 0.9 GHz
19.0 @ f = 0.9 GHz
23.0
6-pin super minimold
C3E
+7.0 @ f = 1.9 GHz
21.0 @ f = 1.9 GHz
+7.0 @ f = 2.4 GHz
22.0 @ f = 2.4 GHz
Remark Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
Caution The package size distinguishes between minimold and super minimold.
Data Sheet PU10206EJ01V0DS
2


Similar Part No. - UPC2771T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2771T NEC-UPC2771T Datasheet
84Kb / 4P
   3V, 2400 MHz MEDIUM POWER SI MMIC AMPLIFIER
logo
Renesas Technology Corp
UPC2771T RENESAS-UPC2771T Datasheet
395Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
UPC2771T RENESAS-UPC2771T Datasheet
332Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC2771T RENESAS-UPC2771T Datasheet
327Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
logo
NEC
UPC2771T-E3 NEC-UPC2771T-E3 Datasheet
84Kb / 4P
   3V, 2400 MHz MEDIUM POWER SI MMIC AMPLIFIER
More results

Similar Description - UPC2771T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8182TB NEC-UPC8182TB_1 Datasheet
103Kb / 17P
   3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8181TB NEC-UPC8181TB Datasheet
154Kb / 16P
   3 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8181TB CEL-UPC8181TB Datasheet
285Kb / 8P
   3 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2762TB NEC-UPC2762TB_1 Datasheet
240Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2762TB NEC-UPC2762TB Datasheet
171Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC2747TB RENESAS-PC2747TB_15 Datasheet
243Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2749TB NEC-UPC2749TB Datasheet
92Kb / 16P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com