Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSM70N08 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # KSM70N08
Description  80V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSM70N08 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  KSM70N08 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSM70N08 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSM70N08 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSM70N08 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSM70N08 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSM70N08 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSM70N08 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
KSM70N08
80V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Kersemi proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for low voltage applications such as automotive, high
efficiency switching for DC/DC converters, and DC motor
control.
Features
• 70A, 80V, RDS(on) = 0.017Ω @VGS = 10 V
• Low gate charge ( typical 75 nC)
• Low Crss ( typical 180 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175
°C maximum junction temperature rating
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
KSM70N08
Units
VDSS
Drain-Source Voltage
80
V
ID
Drain Current
- Continuous (TC = 25°C)
70
A
- Continuous (TC = 100°C)
49.5
A
IDM
Drain Current
- Pulsed
(Note 1)
280
A
VGSS
Gate-Source Voltage
± 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
1150
mJ
IAR
Avalanche Current
(Note 1)
70
A
EAR
Repetitive Avalanche Energy
(Note 1)
15.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6.5
V/ns
PD
Power Dissipation (TC = 25°C)
155
W
- Derate above 25°C
1.03
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.97
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
TO-220
2014-6-29
1
www.kersemi.com


Similar Part No. - KSM70N08

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSM730 KERSEMI-KSM730 Datasheet
657Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM740 KERSEMI-KSM740 Datasheet
656Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM7N10L KERSEMI-KSM7N10L Datasheet
1Mb / 6P
   100V LOGIC N-Channel MOSFET
KSM7N40 KERSEMI-KSM7N40 Datasheet
1Mb / 7P
   400V N-CHANNEL MOSFET
KSM7N60 KERSEMI-KSM7N60 Datasheet
1Mb / 6P
   600V N-Channel MOSFET
More results

Similar Description - KSM70N08

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
   80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
   80V N-Channel MOSFET
AOD2816 AOSMD-AOD2816 Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
   80V N-Channel MOSFET
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
   80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
   80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
   80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
   80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
   80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com