Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-7896 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # MC-7896
Description  GaAs MULTI-CHIP MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

MC-7896 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  MC-7896_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7896_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7896_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7896_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7896_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7896_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
GaAs MULTI-CHIP MODULE
MC-7896
1 GHz CATV 27 dB POWER DOUBLER AMPLIFIER
Document No. PG10674EJ01V0DS (1st edition)
Date Published July 2007 NS
Printed in Japan
2007
DESCRIPTION
The MC-7896 is a GaAs Multi-chip Module designed for use in CATV applications up to 1 GHz. This unit has low
distortion, low noise figure and return loss across the entire frequency band.
Reliability and performance uniformity are assured by our stringent quality and control procedures.
FEATURES
• Low distortion
• High linear gain
GL = 27.0 dB MIN. @ f = 1 GHz
• Low return loss
ORDERING INFORMATION
Part Number
Order Number
Package
Supplying Form
MC-7896
MC-7896-AZ
7-pin special with heatsink (Pb-Free)
25 pcs MAX./Tray
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order: MC-7896
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C, unless otherwise specified)
Note In case of single tone
Parameter
Symbol
Ratings
Unit
Supply Voltage
VDD
30
V
Input Voltage
Note
Vi
65.0
dBmV
Operating Case Temperature
TC
−30 to +100
°C
Storage Temperature
Tstg
−40 to +100
°C


Similar Part No. - MC-7896_15

ManufacturerPart #DatasheetDescription
logo
NEC
MC-7896-AZ NEC-MC-7896-AZ Datasheet
64Kb / 6P
   GaAs MULTI-CHIP MODULE
logo
California Eastern Labs
MC-7896-AZ CEL-MC-7896-AZ Datasheet
153Kb / 5P
   1 GHz CATV 27 dB POWER DOUBLER AMPLIFIER
More results

Similar Description - MC-7896_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC-7833 RENESAS-MC-7833 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7836 RENESAS-MC-7836 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2008
MC-7883 RENESAS-MC-7883 Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2002
logo
NEC
MC-7881 NEC-MC-7881 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
MC-7883 NEC-MC-7883 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7832-HA RENESAS-MC-7832-HA Datasheet
264Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
MC-7845 RENESAS-MC-7845 Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7846 RENESAS-MC-7846 Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7891 RENESAS-MC-7891 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
MC-7893 RENESAS-MC-7893 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
logo
NEC
MC-7891 NEC-MC-7891 Datasheet
64Kb / 6P
   GaAs MULTI-CHIP MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com