Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF5NJ5305 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF5NJ5305
Description  POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.065ohm, Id=-22A*)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5NJ5305 Datasheet(HTML) 4 Page - International Rectifier

  IRF5NJ5305 Datasheet HTML 1Page - International Rectifier IRF5NJ5305 Datasheet HTML 2Page - International Rectifier IRF5NJ5305 Datasheet HTML 3Page - International Rectifier IRF5NJ5305 Datasheet HTML 4Page - International Rectifier IRF5NJ5305 Datasheet HTML 5Page - International Rectifier IRF5NJ5305 Datasheet HTML 6Page - International Rectifier IRF5NJ5305 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRF5NJ5305
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
0
500
1000
1500
2000
2500
-V
, Drain-to-Source Voltage (V)
DS

V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd

Ciss

Coss

Crss
0
20
40
60
80
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G


FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
-16A

V
=-11V
DS
V
=-28V
DS
V
=-44V
DS
0.1
1
10
100
0.2
0.6
1.0
1.4
1.8
-V
,Source-to-Drain Voltage (V)
SD

V
= 0 V
GS

T = 25 C
J
°

T = 150 C
J
°
1
10
100
-VDS , Drain-toSource Voltage (V)
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
1ms
10ms
OPERATION IN THIS AREA
LIMITED BY R DS(on)


Similar Part No. - IRF5NJ5305

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5NJ5305 IRF-IRF5NJ5305 Datasheet
120Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF5NJ5305 IRF-IRF5NJ5305 Datasheet
120Kb / 7P
   Avalanche Energy Ratings
IRF5NJ5305SCX IRF-IRF5NJ5305SCX Datasheet
120Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF5NJ5305 IRF-IRF5NJ5305_15 Datasheet
120Kb / 7P
   Avalanche Energy Ratings
More results

Similar Description - IRF5NJ5305

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5Y5305CM IRF-IRF5Y5305CM Datasheet
108Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.065ohm, Id=-18A*)
IRFRU5305 IRF-IRFRU5305 Datasheet
156Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.065ohm, Id=-31A)
IRF5NJZ48 IRF-IRF5NJZ48 Datasheet
116Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.016ohm, Id=22A*)
IRF5N4905 IRF-IRF5N4905 Datasheet
119Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.024ohm, Id=-55A*)
IRF5M4905 IRF-IRF5M4905 Datasheet
115Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.03ohm, Id=-35A*)
IRFI1310G IRF-IRFI1310G Datasheet
361Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=22A)
IRF5NJ540 IRF-IRF5NJ540 Datasheet
115Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com