Electronic Components Datasheet Search |
|
NP83P04PDG Datasheet(PDF) 4 Page - Renesas Technology Corp |
|
NP83P04PDG Datasheet(HTML) 4 Page - Renesas Technology Corp |
4 / 9 page Data Sheet D18690EJ3V0DS 2 NP83P04PDG ELECTRICAL CHARACTERISTICS (TA = 25 °C) CHARACTERISTICS SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Zero Gate Voltage Drain Current IDSS VDS = −40 V, VGS = 0 V −10 μA Gate Leakage Current IGSS VGS = m20 V, VDS = 0 V m100 nA Gate to Source Threshold Voltage VGS(th) VDS = −10 V, ID = −1 mA −1.0 −1.6 −2.5 V Forward Transfer Admittance Note | yfs | VDS = −10 V, ID = −41.5 A 30 60 S Drain to Source On-state Resistance Note RDS(on)1 VGS = −10 V, ID = −41.5 A 4.1 5.3 m Ω RDS(on)2 VGS = −4.5 V, ID = −41.5 A 5.1 8.0 m Ω Input Capacitance Ciss VDS = −10 V, 9820 pF Output Capacitance Coss VGS = 0 V, 1500 pF Reverse Transfer Capacitance Crss f = 1 MHz 850 pF Turn-on Delay Time td(on) VDD = −20 V, ID = −41.5 A, 35 ns Rise Time tr VGS = −10 V, 21 ns Turn-off Delay Time td(off) RG = 0 Ω 245 ns Fall Time tf 120 ns Total Gate Charge QG VDD = −32 V, 200 nC Gate to Source Charge QGS VGS = −10 V, 25 nC Gate to Drain Charge QGD ID = −83 A 53 nC Body Diode Forward Voltage Note VF(S-D) IF = −83 A, VGS = 0 V 0.93 1.5 V Reverse Recovery Time trr IF = −83 A, VGS = 0 V, 57 ns Reverse Recovery Charge Qrr di/dt = −100 A/ μs 92 nC Note Pulsed test PW ≤ 350 μs, Duty Cycle ≤ 2% TEST CIRCUIT 1 AVALANCHE CAPABILITY RG = 25 Ω 50 Ω L VDD VGS = −20 → 0 V BVDSS IAS ID VDS Starting Tch VDD D.U.T. TEST CIRCUIT 3 GATE CHARGE TEST CIRCUIT 2 SWITCHING TIME PG. RG 0 VGS(−) D.U.T. RL VDD τ = 1 s μ Duty Cycle ≤ 1% VGS Wave Form VDS Wave Form VGS(−) 10% 90% VGS 10% 0 VDS(−) 90% 90% td(on) tr td(off) tf 10% τ VDS 0 ton toff PG. PG. 50 Ω D.U.T. RL VDD IG = −2 mA − |
Similar Part No. - NP83P04PDG_15 |
|
Similar Description - NP83P04PDG_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |