Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP84N075EUE-E2-AYNote1,2 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # NP84N075EUE-E2-AYNote1,2
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP84N075EUE-E2-AYNote1,2 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button NP84N075EUE-E2-AYNote1,2 Datasheet HTML 3Page - Renesas Technology Corp NP84N075EUE-E2-AYNote1,2 Datasheet HTML 4Page - Renesas Technology Corp NP84N075EUE-E2-AYNote1,2 Datasheet HTML 5Page - Renesas Technology Corp NP84N075EUE-E2-AYNote1,2 Datasheet HTML 6Page - Renesas Technology Corp NP84N075EUE-E2-AYNote1,2 Datasheet HTML 7Page - Renesas Technology Corp NP84N075EUE-E2-AYNote1,2 Datasheet HTML 8Page - Renesas Technology Corp NP84N075EUE-E2-AYNote1,2 Datasheet HTML 9Page - Renesas Technology Corp NP84N075EUE-E2-AYNote1,2 Datasheet HTML 10Page - Renesas Technology Corp NP84N075EUE-E2-AYNote1,2 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet D14675EJ4V0DS
5
NP84N075EUE, NP84N075KUE, NP84N075CUE, NP84N075DUE, NP84N075MUE, NP84N075NUE
Figure6. FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
10
1
0.1
100
1000
Pulsed
23
45
7
6
TA =
−55°C
25
°C
75
°C
150
°C
175
°C
Figure7. DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
8
400
320
240
160
80
0
4
Pulsed
VGS = 10 V
0
6
2
Figure8. FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
VDS = 10 V
Pulsed
0.01
0.1
1
10
100
10
100
0.01
0.1
1
75
°C
25
°C
TA = 175
°C
−55°C
Figure9. DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
2
4
6
8
10 12 14 16 18 20
10
Pulsed
20
ID = 42 A
0
Figure10. DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
10
10
1
20
30
100
1000
Pulsed
0
VGS = 10 V
Figure11. GATE TO SOURCE THRESHOLD VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature -
°C
1.0
VDS = VGS
ID = 250
μA
2.0
3.0
4.0
−50
0
50
100
150
0


Similar Part No. - NP84N075EUE-E2-AYNote1,2

ManufacturerPart #DatasheetDescription
logo
NEC
NP84N075EUE-E2-AY NEC-NP84N075EUE-E2-AY Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP84N075EUE-E2-AY RENESAS-NP84N075EUE-E2-AY Datasheet
306Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - NP84N075EUE-E2-AYNote1,2

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com