Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2771TB Datasheet(PDF) 4 Page - NEC

Part # UPC2771TB
Description  3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2771TB Datasheet(HTML) 4 Page - NEC

  UPC2771TB Datasheet HTML 1Page - NEC UPC2771TB Datasheet HTML 2Page - NEC UPC2771TB Datasheet HTML 3Page - NEC UPC2771TB Datasheet HTML 4Page - NEC UPC2771TB Datasheet HTML 5Page - NEC UPC2771TB Datasheet HTML 6Page - NEC UPC2771TB Datasheet HTML 7Page - NEC UPC2771TB Datasheet HTML 8Page - NEC UPC2771TB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
µPC8182TB
PIN EXPLANATION
Pin No. Pin Name
Applied
Voltage
(V)
Pin
Voltage
(V)
Note
Function and Applications
Internal Equivalent Circuit
1
INPUT
0.99
Signal input pin. A internal
matching circuit, configured with
resistors, enables 50
connection over a wide band.
A multi-feedback circuit is
designed to cancel the deviations
of hFE and resistance.
This pin must be coupled to signal
source with capacitor for DC cut.
4
OUTPUT
Voltage
as same as
VCC through
external
inductor
Signal output pin. The inductor
must be attached between VCC
and output pins to supply current
to the internal output transistors.
6
VCC
2.7 to 3.3
Power supply pin, which biases
the internal input transistor.
This pin should be externally
equipped with bypass capacitor to
minimize its impedance.
2
3
5
GND
0
Ground pin. This pin should be
connected to system ground with
minimum inductance. Ground
pattern on the board should be
formed as wide as possible.
All the ground pins must be
connected together with wide
ground pattern to decrease
impedance difference.
6
4
1
5
2
3
GND
GND
Note Pin voltage is measured at VCC = 3.0 V.
Data Sheet PU10206EJ01V0DS
4


Similar Part No. - UPC2771TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2771TB NEC-UPC2771TB Datasheet
171Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2771TB CEL-UPC2771TB Datasheet
188Kb / 7P
   3V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
logo
NEC
UPC2771TB NEC-UPC2771TB Datasheet
240Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC2771TB RENESAS-UPC2771TB Datasheet
395Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
UPC2771TB RENESAS-UPC2771TB Datasheet
332Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
More results

Similar Description - UPC2771TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8182TB NEC-UPC8182TB_1 Datasheet
103Kb / 17P
   3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8181TB NEC-UPC8181TB Datasheet
154Kb / 16P
   3 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8181TB CEL-UPC8181TB Datasheet
285Kb / 8P
   3 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2762TB NEC-UPC2762TB_1 Datasheet
240Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2762TB NEC-UPC2762TB Datasheet
171Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC2747TB RENESAS-PC2747TB_15 Datasheet
243Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2749TB NEC-UPC2749TB Datasheet
92Kb / 16P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com