Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2771TB Datasheet(PDF) 5 Page - NEC

Part # UPC2771TB
Description  3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2771TB Datasheet(HTML) 5 Page - NEC

  UPC2771TB Datasheet HTML 1Page - NEC UPC2771TB Datasheet HTML 2Page - NEC UPC2771TB Datasheet HTML 3Page - NEC UPC2771TB Datasheet HTML 4Page - NEC UPC2771TB Datasheet HTML 5Page - NEC UPC2771TB Datasheet HTML 6Page - NEC UPC2771TB Datasheet HTML 7Page - NEC UPC2771TB Datasheet HTML 8Page - NEC UPC2771TB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
µPC8182TB
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Ratings
Unit
Supply Voltage
VCC
TA = +25
°C, pin 4 and pin 6
3.6
V
Total Circuit Current
ICC
TA = +25
°C
60
mA
Power Dissipation
PD
TA = +85°C
Note
270
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Input Power
Pin
TA = +25
°C
+10
dBm
Note Mounted on double-sided copper-clad 50
× 50 × 1.6 mm epoxy glass PWB
RECOMMENDED OPERATING RANGE
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Remarks
Supply Voltage
VCC
2.7
3.0
3.3
V
Same voltage should be applied
to pin 4 and pin 6.
Operating Ambient Temperature
TA
−40
+25
+85
°C
Data Sheet PU10206EJ01V0DS
5


Similar Part No. - UPC2771TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2771TB NEC-UPC2771TB Datasheet
171Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2771TB CEL-UPC2771TB Datasheet
188Kb / 7P
   3V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
logo
NEC
UPC2771TB NEC-UPC2771TB Datasheet
240Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC2771TB RENESAS-UPC2771TB Datasheet
395Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
UPC2771TB RENESAS-UPC2771TB Datasheet
332Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
More results

Similar Description - UPC2771TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8182TB NEC-UPC8182TB_1 Datasheet
103Kb / 17P
   3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8181TB NEC-UPC8181TB Datasheet
154Kb / 16P
   3 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8181TB CEL-UPC8181TB Datasheet
285Kb / 8P
   3 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2762TB NEC-UPC2762TB_1 Datasheet
240Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2762TB NEC-UPC2762TB Datasheet
171Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC2747TB RENESAS-PC2747TB_15 Datasheet
243Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2749TB NEC-UPC2749TB Datasheet
92Kb / 16P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com