Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD01MUS1 Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # RD01MUS1
Description  Silicon MOSFET Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

RD01MUS1 Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  RD01MUS1_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. RD01MUS1_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. RD01MUS1_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. RD01MUS1_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. RD01MUS1_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. RD01MUS1_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MITSUBISHI RF POWER MOS FET
ELECTROSTATIC SENSITIVE DEVICE
RD01MUS1
RoHS Compliance,
Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS1
MITSUBISHI ELECTRIC
10 Jan 2006
OBSERVE HANDLING PRECAUTIONS
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more
reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to
personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit
designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of non-flammable
material or (iii) prevention against any malfunction or mishap.
Keep safety first in your circuit designs!
Do not use the device at the exceeded the maximum rating condition. In case of plastic molded devices, the
exceeded maximum rating condition may cause blowout, smoldering or catch fire of the molding resin due to extreme
short current flow between the drain and the source of the device. These results causes in fire or injury.
warning !
6/6


Similar Part No. - RD01MUS1_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD01MUS1 MITSUBISHI-RD01MUS1_10 Datasheet
203Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS1 MITSUBISHI-RD01MUS1_11 Datasheet
394Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
More results

Similar Description - RD01MUS1_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
RD00HVS1 JMNIC-RD00HVS1_15 Datasheet
177Kb / 6P
   Silicon MOSFET Power Transistor
RD15HVF1 JMNIC-RD15HVF1_15 Datasheet
411Kb / 9P
   Silicon MOSFET Power Transistor
RD02MUS1 JMNIC-RD02MUS1_15 Datasheet
282Kb / 9P
   Silicon MOSFET Power Transistor
RD16HHF1 JMNIC-RD16HHF1_15 Datasheet
274Kb / 8P
   Silicon MOSFET Power Transistor
RD01MUS2 JMNIC-RD01MUS2_15 Datasheet
254Kb / 6P
   Silicon MOSFET Power Transistor
RD02MUS2 JMNIC-RD02MUS2_15 Datasheet
290Kb / 9P
   Silicon MOSFET Power Transistor
RD02MUS1B JMNIC-RD02MUS1B_15 Datasheet
187Kb / 8P
   Silicon MOSFET Power Transistor
RD00HHS1 JMNIC-RD00HHS1_15 Datasheet
160Kb / 6P
   Silicon MOSFET Power Transistor
logo
Mitsubishi Electric Sem...
RD01MUS2 MITSUBISHI-RD01MUS2 Datasheet
251Kb / 6P
   Silicon MOSFET Power Transistor 520MHz,1W
RD15HVF1 MITSUBISHI-RD15HVF1 Datasheet
406Kb / 9P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com