Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSMF8N90C Datasheet(PDF) 9 Page - Kersemi Electronic Co., Ltd.

Part # KSMF8N90C
Description  900V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMF8N90C Datasheet(HTML) 9 Page - Kersemi Electronic Co., Ltd.

  KSMF8N90C Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMF8N90C Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMF8N90C Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMF8N90C Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSMF8N90C Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSMF8N90C Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSMF8N90C Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. KSMF8N90C Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. KSMF8N90C Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Package Dimensions (Continued)
(7.00)
(0.70)
MAX1.47
#1
10.16
±0.20
(1.00x45
°)
2.54
±0.20
0.80
±0.10
9.40
±0.20
2.76
±0.20
0.35
±0.10
ø3.18
±0.10
2.54TYP
[2.54
±0.20]
2.54TYP
[2.54
±0.20]
0.50
+0.10
–0.05
TO-220F
KSM8N90C/KSMF8N90C
2014-6-18
www.kersemi.com
9


Similar Part No. - KSMF8N90C

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMF8N60 KERSEMI-KSMF8N60 Datasheet
748Kb / 4P
   Low gate charge.
KSMF8N60C KERSEMI-KSMF8N60C Datasheet
2Mb / 7P
   600V N-Channel MOSFET
KSMF8N65 KERSEMI-KSMF8N65 Datasheet
750Kb / 4P
   Low gate charge.
More results

Similar Description - KSMF8N90C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com