Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856327 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # 856327
Description  915 MHz SAW filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856327 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  856327_15 Datasheet HTML 1Page - TriQuint Semiconductor 856327_15 Datasheet HTML 2Page - TriQuint Semiconductor 856327_15 Datasheet HTML 3Page - TriQuint Semiconductor 856327_15 Datasheet HTML 4Page - TriQuint Semiconductor 856327_15 Datasheet HTML 5Page - TriQuint Semiconductor 856327_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
856327
915 MHz SAW filter
Data Sheet: Rev E 08-22-2013
- 6 of 6 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: Class 0B
Value:
Passes
≤ 200 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class A
Value:
Passes
≤ 150
Test:
Machine Model (MM)
Standard:
JEDEC Standard JESD22-A115
Solderability
Compatible with both lead-free (260°C maximum
reflow temperature) and tin/lead (245°C maximum
reflow temperature) soldering processes.
Refer to Soldering Profile for recommended guidelines.
RoHs Compliance
This part is compliant with EU 2002/95/EC RoHS
directive
(Restrictions
on
the
Use
of
Certain
Hazardous Substances in Electrical and Electronic
Equipment).
This product also has the following attributes:
 Lead Free
 Halogen Free (Chlorine, Bromine)
 Antimony Free
 TBBP-A (C
15H12Br402) Free
 PFOS Free
 SVHC Free
MSL Rating
Not applicable. Hermetic package.
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and
information about TriQuint:
Web:
www.triquint.com
Tel:
+1.407.886.8860
Email: info-sales@tqs.com
Fax:
+1.407.886.7061
For technical questions and application information: Email: flapplication.engineering@tqs.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein.
The information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated
with such information is entirely with the user. All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe
personal injury or death.


Similar Part No. - 856327_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856327 TRIQUINT-856327 Datasheet
458Kb / 5P
   915 MHz SAW Filter
More results

Similar Description - 856327_15

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1042A TAI-SAW-TA1042A Datasheet
948Kb / 7P
   SAW Filter 915 MHz
TA0281A TAI-SAW-TA0281A Datasheet
980Kb / 6P
   SAW Filter 915 MHz
TA1363A TAI-SAW-TA1363A Datasheet
429Kb / 7P
   SAW Filter 915 MHz
TA1392A TAI-SAW-TA1392A Datasheet
476Kb / 7P
   SAW Filter 915 MHz
TA1392B TAI-SAW-TA1392B Datasheet
559Kb / 7P
   SAW Filter 915 MHz
TA1561A TAI-SAW-TA1561A Datasheet
152Kb / 8P
   SAW Filter 915 MHz
logo
TriQuint Semiconductor
856327 TRIQUINT-856327 Datasheet
458Kb / 5P
   915 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2294A TAI-SAW-TA2294A Datasheet
484Kb / 7P
   SAW Filter 915 MHz
TA1719A TAI-SAW-TA1719A Datasheet
272Kb / 7P
   SAW Filter 915 MHz
TA1042B TAI-SAW-TA1042B Datasheet
1Mb / 7P
   SAW Filter 915 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com