Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856314-EVB Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # 856314-EVB
Description  140 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856314-EVB Datasheet(HTML) 3 Page - TriQuint Semiconductor

  856314-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856314-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856314-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856314-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856314-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856314-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
856314
140 MHz SAW Filter
Data Sheet: Rev. B 09-26-14
- 3 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Evaluation Board
Schematics
L1
L2
856314
XXXXXX
SAWTEK
960590
C1
C2
1,2,3,5
6,7,8,10
50
9
4
220pF
50
120nH
120nH
220pF
Notes:
3-layers board - top, middle & bottom layer: 1 oz copper
Substrates: .031” thick FR4 dielectric.
Finish plating: Nickel: 3-8
 µm thick, Gold: .03-.2 µm thick
Hole plating: Copper min .0008
 µm thick
Bill of Material
Reference Des.
Value
Description
Manuf.
Part Number
L1
120 nH
0603 wire wound
Coilcraft
0603CS-121XJBC
L2
120 nH
0603 wire wound
Coilcraft
0603CS-121XJBC
C1
220 pF
0603 ceramic cap
Murata
GRM40COG221C050BL
C2
220 pF
0603 ceramic cap
Murata
GRM40COG221C050BL
SMA
N/A
SMA connector
Johnson Components
142-0701-801
PCB
N/A
3-layer
Multiple
960590


Similar Part No. - 856314-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856314 TRIQUINT-856314 Datasheet
614Kb / 5P
   140 MHz SAW Filter
More results

Similar Description - 856314-EVB

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2182D RFM-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2182D MURATA-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
TriQuint Semiconductor
856019 TRIQUINT-856019 Datasheet
537Kb / 5P
   140 MHz SAW Filter
856064 TRIQUINT-856064 Datasheet
567Kb / 5P
   140 MHz SAW Filter
856069 TRIQUINT-856069 Datasheet
628Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074 Datasheet
571Kb / 5P
   140 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
856020 TRIQUINT-856020_15 Datasheet
386Kb / 6P
   140 MHz SAW Filter
856067 TRIQUINT-856067_15 Datasheet
431Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074_15 Datasheet
629Kb / 6P
   140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2045A RFM-SF2045A Datasheet
216Kb / 5P
   140 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com