Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF5Y540CM Datasheet(PDF) 6 Page - International Rectifier

Part # IRF5Y540CM
Description  POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.058ohm, Id=18A*)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5Y540CM Datasheet(HTML) 6 Page - International Rectifier

  IRF5Y540CM Datasheet HTML 1Page - International Rectifier IRF5Y540CM Datasheet HTML 2Page - International Rectifier IRF5Y540CM Datasheet HTML 3Page - International Rectifier IRF5Y540CM Datasheet HTML 4Page - International Rectifier IRF5Y540CM Datasheet HTML 5Page - International Rectifier IRF5Y540CM Datasheet HTML 6Page - International Rectifier IRF5Y540CM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRF5Y540CM
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R )D S S
I AS
25
50
75
100
125
150
0
100
200
300
400
500
Starting T , Junction Temperature( C)
J
°
ID
TOP
BOTTOM
7.2A
10A
16A
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DR IV E R
A
15 V
20V
.
VGS


Similar Part No. - IRF5Y540CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5Y540CM IRF-IRF5Y540CM Datasheet
101Kb / 7P
   Avalanche Energy Ratings
IRF5Y540CM IRF-IRF5Y540CM_15 Datasheet
101Kb / 7P
   Avalanche Energy Ratings
More results

Similar Description - IRF5Y540CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5Y1310CM IRF-IRF5Y1310CM Datasheet
107Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.044ohm, Id=18A*)
IRF5Y3710CM IRF-IRF5Y3710CM Datasheet
105Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.035ohm, Id=18A*)
IRF5Y9540CM IRF-IRF5Y9540CM Datasheet
105Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
IRF5NJ9540 IRF-IRF5NJ9540 Datasheet
117Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
IRF5YZ48CM IRF-IRF5YZ48CM Datasheet
105Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.029ohm, Id=18A*)
IRF5Y3205CM IRF-IRF5Y3205CM Datasheet
103Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
IRF5Y31N20 IRF-IRF5Y31N20 Datasheet
99Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=200V, Rds(on)=0.092ohm, Id=18A*)
IRF5Y3315CM IRF-IRF5Y3315CM Datasheet
106Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.085ohm, Id=18A*)
IRF9140 IRF-IRF9140 Datasheet
148Kb / 7P
   TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.2ohm, Id=-18A)
IRF5NJ540 IRF-IRF5NJ540 Datasheet
115Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com