Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF640NS Datasheet(PDF) 8 Page - International Rectifier

Part # IRF640NS
Description  Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF640NS Datasheet(HTML) 8 Page - International Rectifier

Back Button IRF640NS Datasheet HTML 3Page - International Rectifier IRF640NS Datasheet HTML 4Page - International Rectifier IRF640NS Datasheet HTML 5Page - International Rectifier IRF640NS Datasheet HTML 6Page - International Rectifier IRF640NS Datasheet HTML 7Page - International Rectifier IRF640NS Datasheet HTML 8Page - International Rectifier IRF640NS Datasheet HTML 9Page - International Rectifier IRF640NS Datasheet HTML 10Page - International Rectifier IRF640NS Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.irf.com
8
IRF640N/S/L
L E AD AS S IG N M E N T S
1 - G A TE
2 - D R A IN
3 - S O URCE
4 - D R A IN
- B -
1.32 (.052)
1.22 (.048)
3X
0.55 (.022)
0.46 (.018)
2.92 (.115)
2.64 (.104)
4.69 (.185)
4.20 (.165)
3X
0.93 (.037)
0.69 (.027)
4.06 (.160)
3.55 (.140)
1.15 (.045)
M IN
6.4 7 (.255 )
6.1 0 (.240 )
3.78 (.149)
3.54 (.139)
- A -
10.54 (.415)
10.29 (.405)
2.87 (.113)
2.62 (.103)
15 .24 (.6 00 )
14 .84 (.5 84 )
14 .09 (.5 55 )
13 .47 (.5 30 )
3X
1.40 (.055)
1.15 (.045)
2.54 (.100)
2X
0 .3 6 (.0 1 4)
M
B
A
M
4
1
2
3
NO T E S :
1 D IM E N S IO N IN G & T O L E R A N C IN G P E R A N S I Y 14 .5 M , 1 982 .
3 O U T L IN E C O N F O R M S T O J E D E C O U T L IN E T O -22 0 A B .
2 C O N T R O L LIN G D IM E N S IO N : IN C H
4 H E A T S IN K & LE A D M E A S U R E M E N T S D O N O T INCL UDE B URR S .
TO-220AB Part Marking Information
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
PART NUM BER
IN T E R N A T IO N A L
R E C T IF IE R
L O G O
E X A M P L E : T H IS IS A N IR F1010
W IT H ASSE M B L Y
L O T C O D E 9 B 1 M
A SSEM BL Y
L O T
C O D E
DAT E CO D E
(YYW W )
YY = YE AR
WW = W E E K
92 4 6
IR F 101 0
9B
1 M
A


Similar Part No. - IRF640NS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF640NS FAIRCHILD-IRF640NS Datasheet
160Kb / 11P
   N-Channel Power MOSFETs 200V, 18A, 0.15ohm
logo
International Rectifier
IRF640NS IRF-IRF640NS Datasheet
240Kb / 11P
   HEXFET Power MOSFET
IRF640NS IRF-IRF640NS Datasheet
248Kb / 12P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
logo
International Rectifier
IRF640NSPBF IRF-IRF640NSPBF Datasheet
300Kb / 12P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRF640NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640S IRF-IRF640S Datasheet
228Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640 IRF-IRF640 Datasheet
178Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF5Y31N20 IRF-IRF5Y31N20 Datasheet
99Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=200V, Rds(on)=0.092ohm, Id=18A*)
IRFP31N50L IRF-IRFP31N50L Datasheet
95Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRF9Z34S IRF-IRF9Z34S Datasheet
334Kb / 10P
   Power MOSFET(Vdss=-60V, Rds(on)=0.14ohm, Id=-18A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com