Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF644NS Datasheet(PDF) 4 Page - International Rectifier

Part # IRF644NS
Description  Power MOSFET(Vdss=250V, Rds(on)=240mohm, Id=14A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF644NS Datasheet(HTML) 4 Page - International Rectifier

  IRF644NS Datasheet HTML 1Page - International Rectifier IRF644NS Datasheet HTML 2Page - International Rectifier IRF644NS Datasheet HTML 3Page - International Rectifier IRF644NS Datasheet HTML 4Page - International Rectifier IRF644NS Datasheet HTML 5Page - International Rectifier IRF644NS Datasheet HTML 6Page - International Rectifier IRF644NS Datasheet HTML 7Page - International Rectifier IRF644NS Datasheet HTML 8Page - International Rectifier IRF644NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRF644N/644NS/644NL
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds+ Cgd
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
0.1
1
10
100
0.0
0.4
0.8
1.1
1.5
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 175 C
J
°
T = 25 C
J
°
0
12
24
36
48
60
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
I =
D
8.4A
V
= 50V
DS
V
= 125V
DS
V
= 200V
DS


Similar Part No. - IRF644NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF644NS IRF-IRF644NS Datasheet
280Kb / 12P
   HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRF644NS VISHAY-IRF644NS Datasheet
171Kb / 8P
   Power MOSFET
Rev. A, 19-Jun-08
IRF644NSPBF VISHAY-IRF644NSPBF Datasheet
171Kb / 8P
   Power MOSFET
Rev. A, 19-Jun-08
IRF644NSTRL VISHAY-IRF644NSTRL Datasheet
171Kb / 8P
   Power MOSFET
Rev. A, 19-Jun-08
IRF644NSTRLPBF VISHAY-IRF644NSTRLPBF Datasheet
171Kb / 8P
   Power MOSFET
Rev. A, 19-Jun-08
More results

Similar Description - IRF644NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF644S IRF-IRF644S Datasheet
219Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRC644 IRF-IRC644 Datasheet
225Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
230Kb / 11P
   HEXFET Power MOSFET ( VDSS = 250V , RDS(on)max = 0.26廓 , ID = 14A )
IRFIZ24N IRF-IRFIZ24N Datasheet
105Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRC503 IRF-IRC503 Datasheet
226Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFIZ24V IRF-IRFIZ24V Datasheet
83Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=0.060ohm, Id=14A)
IRFP450LC IRF-IRFP450LC Datasheet
340Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com