Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOP-8 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # SOP-8
Description  Packaging Information / Reference Pattern Layout Dimensions
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

SOP-8 Datasheet(HTML) 2 Page - Torex Semiconductor

  SOP-8 Datasheet HTML 1Page - Torex Semiconductor SOP-8 Datasheet HTML 2Page - Torex Semiconductor SOP-8 Datasheet HTML 3Page - Torex Semiconductor SOP-8 Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SOP-8
●リール/Reel
●テーピング仕様/Taping Specifications
テーピング仕様 / Taping Specifications
Unit: mm
1,000pcs/reel
direction of feed
R Type :[Device orientation : Right]
Standard feed
15.4±1.0
2±0.2
13±0.5
(1.5)
φ 13±0.2


Similar Part No. - SOP-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SOP-8 ETC2-SOP-8 Datasheet
597Kb / 1P
   Packaging Outline
logo
Unisonic Technologies
SOP-8 UTC-SOP-8 Datasheet
231Kb / 6P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Shenzhen Luguang Electr...
SOP-8 LUGUANG-SOP-8 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
SOP-8 LUGUANG-SOP-8 Datasheet
267Kb / 3P
   Low Power Low Offset Voltage Dual Comparators
logo
Analog Microelectronics
SOP-8 AME-SOP-8 Datasheet
36Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
More results

Similar Description - SOP-8

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
USP-2B02 TOREX-USP-2B02 Datasheet
240Kb / 3P
   Packaging Information / Reference Pattern Layout Dimensions
USPN-4B02 TOREX-USPN-4B02 Datasheet
219Kb / 4P
   Packaging Information / Reference Pattern Layout Dimensions
LGA-4B01 TOREX-LGA-4B01 Datasheet
309Kb / 4P
   Packaging Information / Reference Pattern Layout Dimensions
SMA TOREX-SMA Datasheet
223Kb / 3P
   Packaging Information / Reference Pattern Layout Dimensions
SOD-323A TOREX-SOD-323A Datasheet
262Kb / 3P
   Packaging Information / Reference Pattern Layout Dimensions
SOD-923 TOREX-SOD-923 Datasheet
178Kb / 2P
   Packaging Information / Reference Pattern Layout Dimensions
SOT-563 TOREX-SOT-563 Datasheet
171Kb / 2P
   Packaging Information / Reference Pattern Layout Dimensions
USP-3 TOREX-USP-3 Datasheet
206Kb / 4P
   Packaging Information / Reference Pattern Layout Dimensions
USP-4D TOREX-USP-4D Datasheet
300Kb / 4P
   Packaging Information / Reference Pattern Layout Dimensions
LGA-6A01 TOREX-LGA-6A01 Datasheet
192Kb / 3P
   Packaging Information / Reference Pattern Layout Dimensions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com