Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC1251GR-9LG Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PC1251GR-9LG
Description  SINGLE POWER SUPPLY DUAL OPERATIONAL AMPLIFIERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC1251GR-9LG Datasheet(HTML) 4 Page - Renesas Technology Corp

  PC1251GR-9LG_15 Datasheet HTML 1Page - Renesas Technology Corp PC1251GR-9LG_15 Datasheet HTML 2Page - Renesas Technology Corp PC1251GR-9LG_15 Datasheet HTML 3Page - Renesas Technology Corp PC1251GR-9LG_15 Datasheet HTML 4Page - Renesas Technology Corp PC1251GR-9LG_15 Datasheet HTML 5Page - Renesas Technology Corp PC1251GR-9LG_15 Datasheet HTML 6Page - Renesas Technology Corp PC1251GR-9LG_15 Datasheet HTML 7Page - Renesas Technology Corp PC1251GR-9LG_15 Datasheet HTML 8Page - Renesas Technology Corp PC1251GR-9LG_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet G17929EJ3V0DS
2
μPC1251GR-9LG, μPC1251MP-KAA, μPC358GR-9LG
ORDERING INFORMATION
Part Number
Selected Grade
Package
Package Type
μ PC1251GR-9LG-E1-A
Note
Standard
8-pin plastic TSSOP (5.72 mm(225))
• 12 mm wide embossed taping
• Pin 1 on draw-out side
μ PC1251GR-9LG-E2-A
Note
Standard
8-pin plastic TSSOP (5.72 mm(225))
• 12 mm wide embossed taping
• Pin 1 at take-up side
μ PC1251GR(5)-9LG-E1-A
Note
DC
parameter selection
8-pin plastic TSSOP (5.72 mm(225))
• 12 mm wide embossed taping
• Pin 1 on draw-out side
μ PC1251GR(5)-9LG-E2-A
Note
DC
parameter selection
8-pin plastic TSSOP (5.72 mm(225))
• 12 mm wide embossed taping
• Pin 1 at take-up side
μ PC1251MP-KAA-E1-A
Note
Standard
8-pin plastic TSSOP (2.8 x 2.9)
• 12 mm wide embossed taping
• Pin 1 on draw-out side
μ PC1251MP-KAA-E2-A
Note
Standard
8-pin plastic TSSOP (2.8 x 2.9)
• 12 mm wide embossed taping
• Pin 1 at take-up side
μ PC1251MP(5)-KAA-E1-A
Note
DC
parameter selection
8-pin plastic TSSOP (2.8 x 2.9)
• 12 mm wide embossed taping
• Pin 1 on draw-out side
μ PC1251MP(5)-KAA-E2-A
Note
DC
parameter selection
8-pin plastic TSSOP (2.8 x 2.9)
• 12 mm wide embossed taping
• Pin 1 at take-up side
μ PC358GR-9LG-E1-A
Note
Standard
8-pin plastic TSSOP(5.72 mm(225))
• 12 mm wide embossed taping
• Pin 1 on draw-out side
μ PC358GR-9LG-E2-A
Note
Standard
8-pin plastic TSSOP(5.72 mm(225))
• 12 mm wide embossed taping
• Pin 1 at take-up side
μ PC358GR(5)-9LG-E1-A
Note
DC
parameter selection
8-pin plastic TSSOP(5.72 mm(225))
• 12 mm wide embossed taping
• Pin 1 on draw-out side
μ PC358GR(5)-9LG-E2-A
Note
DC
parameter selection
8-pin plastic TSSOP(5.72 mm(225))
• 12 mm wide embossed taping
• Pin 1 at take-up side
Note Pb-free (This product does not contain Pb in the external electrode and other parts.)
<R>


Similar Part No. - PC1251GR-9LG_15

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PC125-H25D-C0 PANDUIT-PC125-H25D-C0 Datasheet
110Kb / 1P
   Flat Cable Clips Pan-Clamp Heavy Duty Fixed Diameter Clamps
logo
FIBOX Enclosing innovat...
PC125/125HG FIBOX-PC125/125HG Datasheet
65Kb / 3P
   Enclosure. PC
05.08.2022
More results

Similar Description - PC1251GR-9LG_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1251 RENESAS-UPC1251 Datasheet
685Kb / 12P
   Single Power Supply Dual Operational Amplifiers
2019.1.17
UPC1251A RENESAS-UPC1251A Datasheet
723Kb / 12P
   Single Power Supply Dual Operational Amplifiers
2019.1.17
logo
Mitsubishi Electric Sem...
M5223L MITSUBISHI-M5223L Datasheet
331Kb / 5P
   DUAL SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com