Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1EV24004ASAS0I Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R1EV24004ASAS0I
Description  Two-wire serial interface 4k EEPROM (512-word ??8-bit)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EV24004ASAS0I Datasheet(HTML) 4 Page - Renesas Technology Corp

  R1EV24004ASAS0I_15 Datasheet HTML 1Page - Renesas Technology Corp R1EV24004ASAS0I_15 Datasheet HTML 2Page - Renesas Technology Corp R1EV24004ASAS0I_15 Datasheet HTML 3Page - Renesas Technology Corp R1EV24004ASAS0I_15 Datasheet HTML 4Page - Renesas Technology Corp R1EV24004ASAS0I_15 Datasheet HTML 5Page - Renesas Technology Corp R1EV24004ASAS0I_15 Datasheet HTML 6Page - Renesas Technology Corp R1EV24004ASAS0I_15 Datasheet HTML 7Page - Renesas Technology Corp R1EV24004ASAS0I_15 Datasheet HTML 8Page - Renesas Technology Corp R1EV24004ASAS0I_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
R1EV24004ASAS0I
R10DS0123EJ0100 Rev.1.00
Page 4 of 15
Apr. 08, 2013
AC Characteristics
Test Conditions
 Input pules levels:
 V
IL = 0.2  VCC
 V
IH = 0.8  VCC
 Input rise and fall time:  20 ns
 Input and output timing reference levels: 0.5  V
CC
 Output load: TTL Gate + 100 pF
(Ta =
40 to +85C, V
CC = 2.5 to 5.5 V)
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Clock frequency
fSCL
400
kHz
Clock pulse width low
tLOW
1200
ns
Clock pulse width high
tHIGH
600
ns
Noise suppression time
tI
50
ns
1
Access time
tAA
100
900
ns
Bus free time for next mode
tBUF
1200
ns
Start hold time
tHD.STA
600
ns
Start setup time
tSU.STA
600
ns
Data in hold time
tHD.DAT
0
ns
Data in setup time
tSU.DAT
100
ns
Input rise time
tR
300
ns
1
Input fall time
tF
300
ns
1
Stop setup time
tSU.STO
600
ns
Data out hold time
tDH
50
ns
Write protect hold time
tHD.WP
1200
ns
Write protect setup time
tSU.WP
0
ns
Write cycle time
tWC
5
ms
2
Notes: 1. Not 100
 tested.
2. tWC is the time from a stop condition to the end of internally controlled write cycle.


Similar Part No. - R1EV24004ASAS0I_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EV24004ASAS0I RENESAS-R1EV24004ASAS0I Datasheet
413Kb / 17P
   Two-wire serial interface 4k EEPROM Clock frequency
More results

Similar Description - R1EV24004ASAS0I_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24004ASAS0G RENESAS-R1EX24004ASAS0G_15 Datasheet
498Kb / 18P
   Two-wire serial interface 4k EEPROM (512-word ??8-bit)
R1EX24004ASAS0I RENESAS-R1EX24004ASAS0I Datasheet
182Kb / 24P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
R1EX24004ASAS0I RENESAS-R1EX24004ASAS0I_15 Datasheet
250Kb / 17P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
R1EX24004ASAS0A RENESAS-R1EX24004ASAS0A_15 Datasheet
402Kb / 26P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
R1EX24004ASAS0A RENESAS-R1EX24004ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 4k EEPROM (512-word 횞 8-bit)
HN58X2402SFPIAG RENESAS-HN58X2402SFPIAG Datasheet
129Kb / 18P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
HN58X2402SI RENESAS-HN58X2402SI Datasheet
136Kb / 19P
   Two-wire serial interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit)
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
   Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
logo
ATMEL Corporation
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
   Two-wire Serial EEPROM 4K (512 x 8)
logo
Sanyo Semicon Device
LE24C042M SANYO-LE24C042M Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com