Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7413 Datasheet(PDF) 3 Page - International Rectifier

Part # 7413
Description  Power MOSFET(Vdss=30V, Id=12A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

7413 Datasheet(HTML) 3 Page - International Rectifier

  7413 Datasheet HTML 1Page - International Rectifier 7413 Datasheet HTML 2Page - International Rectifier 7413 Datasheet HTML 3Page - International Rectifier 7413 Datasheet HTML 4Page - International Rectifier 7413 Datasheet HTML 5Page - International Rectifier 7413 Datasheet HTML 6Page - International Rectifier 7413 Datasheet HTML 7Page - International Rectifier 7413 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF7413
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
12A
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
2.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
BOTTOM 2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
2.5V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
BOTTOM 2.5V
2.0
3.0
4.0
5.0
6.0
VGS , Gate-to-Source Voltage (V)
0
1
10
100
TJ = 25°C
TJ = 150°C
VDS = 15V
20µs PULSE WIDTH


Similar Part No. - 7413

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74130 ETC2-74130 Datasheet
452Kb / 2P
   Phillips Bits
74131 ETC2-74131 Datasheet
452Kb / 2P
   Phillips Bits
logo
National Semiconductor ...
74132 NSC-74132 Datasheet
98Kb / 4P
   DM54132/DM74132 Quad 2-Input NAND Gates with Schmitt Trigger Inputs
logo
List of Unclassifed Man...
74132PC ETC1-74132PC Datasheet
1Mb / 29P
   CYFROWE UKLADY SCALONE TTL
74133 ETC2-74133 Datasheet
452Kb / 2P
   Phillips Bits
More results

Similar Description - 7413

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7460 IRF-IRF7460 Datasheet
121Kb / 8P
   Power MOSFET(Vdss=20V, Id=12A)
IRF7466 IRF-IRF7466 Datasheet
233Kb / 8P
   Power MOSFET(Vdss=30V, Id=11A)
IRF9Z24NS IRF-IRF9Z24NS Datasheet
168Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRFP9240 IRF-IRFP9240 Datasheet
166Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-12A)
IRF9Z24N IRF-IRF9Z24N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRLI2203G IRF-IRLI2203G Datasheet
328Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com