Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A30429BX Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R2A30429BX
Description  1-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A30429BX Datasheet(HTML) 1 Page - Renesas Technology Corp

  R2A30429BX_15 Datasheet HTML 1Page - Renesas Technology Corp R2A30429BX_15 Datasheet HTML 2Page - Renesas Technology Corp R2A30429BX_15 Datasheet HTML 3Page - Renesas Technology Corp R2A30429BX_15 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
R2A30429BX
R2A30429BX
Page 1 of 3
R19DS0062EJ0100 Rev.1.00
May 10, 2012
R19DS0062EJ0100
Rev.1.00
May 10, 2012
Datasheet
Body: 0.83mm x 1.23mm t=0.63mm
Ball Pitch: 0.4mm
0.63mm
OUTA
VM
GND
OUTB
INB
INA
0.4mm
0.4mm
Features
 Using CMOS process
 Small 6-pin WLP package
 With built-in 1CH full swing H bridge circuit
 With built-in IN/IN control logic
 With built-in sleep function during standby
 Single power supply specification and I/O is independent of
VM voltage (typ = 1.8V from control MCU)
 With built-in thermal shutdown circuit
Application
Motor driver for digital still camera.
Overview
R2A30429BX is a semiconductor integrated circuit that incorporates driver circuits
suitable for digital camera etc.
Block chart and application circuit example
Full swing
H bridge
OUTA
OUTB
GND
INA
INB
Control MCU
Motor control signal
Control logic
VM
VM system
power supply
DC motor
/Coil
Band gap circuit
TSD circuit
Pin layout (ball side)
Outline/Package WLP
Truth Table
Recommended operating condition
Power-supply voltage range
 VM: 2.7V~5.5V
Rated power-supply voltage
 VM: 5.0V
Brake
L
L
H
H
Reverse
H
L
H
L
Forward
L
H
L
H
OFF state
Z
Z
L
L
Output
OUTB
OUTA
INB
INA


Similar Part No. - R2A30429BX_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A30429BX RENESAS-R2A30429BX Datasheet
48Kb / 4P
   1-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
May 10, 2012
More results

Similar Description - R2A30429BX_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A30427BM RENESAS-R2A30427BM_15 Datasheet
49Kb / 4P
   1-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
R2A30427BM RENESAS-R2A30427BM Datasheet
48Kb / 4P
   1-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
May 10, 2012
R2A30429BX RENESAS-R2A30429BX Datasheet
48Kb / 4P
   1-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
May 10, 2012
R2A30445NP RENESAS-R2A30445NP_15 Datasheet
191Kb / 5P
   2-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
R2A30445NP RENESAS-R2A30445NP Datasheet
190Kb / 5P
   2-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
May 10, 2012
R2A30406NP RENESAS-R2A30406NP_15 Datasheet
52Kb / 4P
   4-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
R2A30406SP RENESAS-R2A30406SP_15 Datasheet
53Kb / 4P
   4-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
R2A30444BX RENESAS-R2A30444BX_15 Datasheet
84Kb / 7P
   6-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
R2A30445BX RENESAS-R2A30445BX Datasheet
72Kb / 5P
   2-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
May 10, 2012
R2A30445BX RENESAS-R2A30445BX_15 Datasheet
72Kb / 5P
   2-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com