Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A30440NP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R2A30440NP
Description  6-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A30440NP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R2A30440NP_15 Datasheet HTML 1Page - Renesas Technology Corp R2A30440NP_15 Datasheet HTML 2Page - Renesas Technology Corp R2A30440NP_15 Datasheet HTML 3Page - Renesas Technology Corp R2A30440NP_15 Datasheet HTML 4Page - Renesas Technology Corp R2A30440NP_15 Datasheet HTML 5Page - Renesas Technology Corp R2A30440NP_15 Datasheet HTML 6Page - Renesas Technology Corp R2A30440NP_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
6-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
R2A30440NP
R2A30440NP
Page 1 of 6
R19DS0063EJ0100 Rev.1.00
May 10, 2012
R19DS0063EJ0100
Rev.1.00
May 10, 2012
Datasheet
3
5
2CH
D class amp
H-bridge
7
9
6
1CH
D class amp
H-bridge
STM1
8
32
34
4CH
D class amp
H-bridge
36
38
35
3CH
D class amp
H-bridge
STM2
33
VCC
VCC
power
supply
2.7~3.6V
BIAS
Low voltage
detection
TSD
VREF(1.25V)
22
24
5CH
CC/FS
H-bridge
25
COIL
23
14
16
6CH
CC/FS
H-bridge
17
COIL
15
10
DGND
VM
Power
supply
DAC
Serial Control Logic
5MHz
STEP
STEP
U-STEP
Circuit
U-STEP
Circuit
COIL
COIL
Exclusive
Control 1
COIL
FLL
Controller
Comp
DAC
0-2V
4bit
CP
MCLK
1MHz
CP
Latch
MCU
U-STEP
FLL
Reference clock
1MHz~27MHz
Control Signal
(3,4,5,6CH)
Serial
Control Signal
(3 lines)
MOB/EXT
Reset
H: Active
L: Standby
FS : Full-swing
CV : Average Constant-Voltage
CC : Constant-Current
Note)
 The terminals (lead) are on the package underside.
 At the Package central underside is a heat sink PAD.
Heat dissipation shield (and etc.) connection at DGND is
recommended.
 Each VM pins respectively are not connected to each
other internally. Please connect them externally.
Frequency
Divider
Application
Motor driver for digital still cameras
Block diagram and example of application circuit
Overview
The R2A30440NP is a semiconductor integrated circuit that incorporates
driver circuits suitable for motors in digital cameras.
The terminal arrangements are basically identical to that of R2A30423NP.
Features
 CMOS process adoption and 1ch-4ch using D class amplifier to achieve low
power consumption.
 A small 40-pin QFN package 5mm x 5mm, t=0.80mm (max) is used.
 Built-in autonomous drive circuit controlled by serial settings (self propelled
control)
 1ch/2ch and 3ch/4ch are capable of 2-2 phase stepper drive, 1-2 phase
(100%) stepper drive, 1-2 phase (70%) stepper drive and 256/512/1024
resolution micro-steps.
 3ch/4ch is capable of constant voltage drive.
 5ch is capable of constant current drive and FLL control.
 6ch is capable of constant current drive.
 By using exclusive control mode on 5ch and 6ch, it resembles 7ch drive.
 Built-in 3 PI drivers channels
 Built-in 2 comparators and 1 Schmitt buffer.
 Built-in low-voltage malfunction prevention and thermal shutdown circuit.
 Power supplies VCC and VM are internally isolated and include a function to
prevent reverse current between the power supplies.
27
26
13
28
20
2
40
21
31
12
11
1
19
29
30
18
39
4
37
CPIN1
CPIN2
STM3
Comp
DAC
Package:40QFN
[5x5mm t=0.8mm(Max)]
Pin Layout (Top View)
1
10
11
20
21
30
31
40
OSCIN
IN5
IN6
VM6
OUT6A
PGND6(RNF6)
OUT6B
RESET
VCC
PI1
VDIN2/PI2
OUT4B
PGND34
OUT4A
VM34
OUT3B
CPIN2
OUT3A
EXT2/ST2/CPOUT2
MOB2/CPOUT1
Recommended operating conditions
Power-supply voltage range
 VCC: 2.7V~3.6V
VM: 2.7V~5.5V
Rated power-supply voltage
 VCC: 3.3V
VM: 5.0V


Similar Part No. - R2A30440NP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A30440NP RENESAS-R2A30440NP Datasheet
207Kb / 7P
   6-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
May 10, 2012
More results

Similar Description - R2A30440NP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A30444BX RENESAS-R2A30444BX_15 Datasheet
84Kb / 7P
   6-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
R2A30440NP RENESAS-R2A30440NP Datasheet
207Kb / 7P
   6-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
May 10, 2012
R2A30444BX RENESAS-R2A30444BX Datasheet
83Kb / 7P
   6-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
May 10, 2012
R2A30445NP RENESAS-R2A30445NP_15 Datasheet
191Kb / 5P
   2-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
R2A30429BX RENESAS-R2A30429BX_15 Datasheet
48Kb / 4P
   1-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
R2A30445NP RENESAS-R2A30445NP Datasheet
190Kb / 5P
   2-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
May 10, 2012
R2A30406NP RENESAS-R2A30406NP_15 Datasheet
52Kb / 4P
   4-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
R2A30406SP RENESAS-R2A30406SP_15 Datasheet
53Kb / 4P
   4-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
R2A30445BX RENESAS-R2A30445BX Datasheet
72Kb / 5P
   2-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
May 10, 2012
R2A30427BM RENESAS-R2A30427BM_15 Datasheet
49Kb / 4P
   1-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com