Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSM90N10V2 Datasheet(PDF) 8 Page - Kersemi Electronic Co., Ltd.

Part # KSM90N10V2
Description  100V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSM90N10V2 Datasheet(HTML) 8 Page - Kersemi Electronic Co., Ltd.

  KSM90N10V2 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSM90N10V2 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSM90N10V2 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSM90N10V2 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSM90N10V2 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSM90N10V2 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSM90N10V2 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. KSM90N10V2 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. KSM90N10V2 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Package Dimensions
4.50
±0.20
9.90
±0.20
1.52
±0.10
0.80
±0.10
2.40
±0.20
10.00
±0.20
1.27
±0.10
ø3.60
±0.10
(8.70)
1.30
+0.10
–0.05
0.50
+0.10
–0.05
2.54TYP
[2.54
±0.20]
2.54TYP
[2.54
±0.20]
TO-220
KSM90N10V2/KSMF90N10V2
2014-6-29
8
www.kersemi.com


Similar Part No. - KSM90N10V2

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSM9530 KERSEMI-KSM9530 Datasheet
662Kb / 4P
   Green device available.
KSM95N03L KERSEMI-KSM95N03L Datasheet
1Mb / 6P
   30V LOGIC N-Channel MOSFET
KSM9N25C KERSEMI-KSM9N25C Datasheet
1Mb / 7P
   250V N-Channel MOSFET
KSM9N50C KERSEMI-KSM9N50C Datasheet
2Mb / 9P
   500V N-Channel MOSFET
KSM9Z24N KERSEMI-KSM9Z24N Datasheet
615Kb / 4P
   Advanced high cell denity trench technology for ultra RDS
More results

Similar Description - KSM90N10V2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com