Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSMD2N90 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # KSMD2N90
Description  900V N-CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMD2N90 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  KSMD2N90 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMD2N90 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMD2N90 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMD2N90 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSMD2N90 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSMD2N90 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSMD2N90 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. KSMD2N90 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
 
 
 
 
   
    

    !" # $%#&##'( # 
)#*+,-./.Ω, 0 
+-1//-1µ .2.0 
"  !"  //µ 3%(%(  4
5 %   6   # 


 





D*
 D>* 
*,)*4,-2)µ'
())


*
∆D*
5∆
D>* 
 
4,-2)µ'+ -26

% )

*56
4
E:* 
*,())**,)*


%)
µ'
*,&-)*,%-26


%))
µ'
4
:D/>
*,;)**,)*


%))
'
4
:D/>+!
*,;)**,)*


%))
'
 
*
: * 
*,*4,-2)µ'
; )

2 )
*
+
  
+ 
*,%)*4,) 72'


2 9
& -

   
*,2)*4,) 72'

% &


 

4  
*,-2**,)*
,% )F#


;()
2))


  

?2
9)


+!  

2 2
& )

   

 
*,?2)*4,- -'
+,-2Ω


%2
?)


+

;2
7)


 

-)
2)


 

;)
&)

G
 :
*,&-)*4,- -'
*,%)*


%-
%2

G
: 

- 7


G
:

9 %


     
4
C 


% &
'
4
C8  


9 7
'
*
 * 
*,)*4,% &'


% ?
*

+!+ !
*,)*4,- -'
45,%))'5µ

?))


G
+!+ !

% 9

µ
KSMD2N90 / KSMU2N90
2014-7-11
2
www.kersemi.com


Similar Part No. - KSMD2N90

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD2N100 KERSEMI-KSMD2N100 Datasheet
1Mb / 8P
   1000V N-Channel MOSFET
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
KSMD2N40 KERSEMI-KSMD2N40 Datasheet
1Mb / 8P
   400V N-CHANNEL MOSFET
KSMD2N50 KERSEMI-KSMD2N50 Datasheet
1Mb / 8P
   500V N-CHANNEL MOSFET
KSMD2N60 KERSEMI-KSMD2N60 Datasheet
1Mb / 8P
   600V N-Channel MOSFET
More results

Similar Description - KSMD2N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com